Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QSTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 19Page - STMicroelectronics ILPS22QSTR Datasheet HTML 20Page - STMicroelectronics ILPS22QSTR Datasheet HTML 21Page - STMicroelectronics ILPS22QSTR Datasheet HTML 22Page - STMicroelectronics ILPS22QSTR Datasheet HTML 23Page - STMicroelectronics ILPS22QSTR Datasheet HTML 24Page - STMicroelectronics ILPS22QSTR Datasheet HTML 25Page - STMicroelectronics ILPS22QSTR Datasheet HTML 26Page - STMicroelectronics ILPS22QSTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
The device power supply must be provided through the VDD line; a power supply decoupling capacitor C1
(100 nF) must be placed as near as possible to the supply pins of the device. The C1 capacitor can be tied to
VDD and Vdd_IO, but it is recommended to use 2 capacitors, one on each VDD and Vdd_IO line, in case VDD
are Vdd_IO are separate. Depending on the application, an additional capacitor of 4.7 µF could be placed on the
VDD line.
If AH (analog hub) / Qvar is not used, it is recommended to connect both pin 5 and pin 7 to GND.
If AH (analog hub) / Qvar is used, an external network is needed as described in Figure 15. AH (analog hub) /
Qvar external connections to pin 5, pin 7.
The functionality of the device and the measured data outputs are selectable and accessible through the I²C, MIPI
I3CSM, SPI interface. When using the I²C and MIPI I3CSM, CS must be tied to Vdd_IO.
All the voltage and ground supplies must be present at the same time to have proper behavior of the IC (refer
to Figure 14). It is possible to remove VDD while maintaining Vdd_IO without blocking the communication bus, in
this condition the measurement chain is powered off.
Note:
To guarantee proper power-off of the device, it is recommended to maintain the duration of the VDD line to GND
for at least 10 ms.
Figure 16. ILPS22QS power-off sequence
VDD
Time
VDD rising / falling time: 10 µs ~ 100 ms
VDD must be lower than 0.7 V for at least 10 ms during power-off sequence for correct POR
0.7 V
Min.10 ms
ILPS22QS
Application hints
DS13431 - Rev 3
page 23/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com