Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QSTR Datasheet(PDF) 51 Page - STMicroelectronics

Part # ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 47Page - STMicroelectronics ILPS22QSTR Datasheet HTML 48Page - STMicroelectronics ILPS22QSTR Datasheet HTML 49Page - STMicroelectronics ILPS22QSTR Datasheet HTML 50Page - STMicroelectronics ILPS22QSTR Datasheet HTML 51Page - STMicroelectronics ILPS22QSTR Datasheet HTML 52Page - STMicroelectronics ILPS22QSTR Datasheet HTML 53Page - STMicroelectronics ILPS22QSTR Datasheet HTML 54Page - STMicroelectronics ILPS22QSTR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
Revision history
Table 27. Document revision history
Date
Version
Changes
01-Oct-2021
1
Initial release
22-Dec-2021
2
Added Qvar functionality
Updated Idd in Table 4. Electrical characteristics - pressure and temperature
and added Table 5. Electrical parameters of Qvar (@Vdd = 1.8 V, T = 25 °C)
and Table 6. Input impedance of Qvar
Updated GETPID command in Table 18. MIPI I3CSM CCC commands
Updated Section 6 Application hints, added Figure 15. AH (analog hub) / Qvar
external connections to pin 5, pin 7, added Section 6.1 Analog hub (AH) /
Qvar functions and Section 6.2 Power-saving tip for the pressure sensor,
disabling the analog hub (AH) / Qvar feature
Added Table 23. Power consumption for Qvar acquisition
Updated CTRL_REG3 (12h)
Minor textual updates
04-May-2022
3
Updated setting for 200 Hz in Table 20. Output data rate bit configurations
Updated CTRL_REG3 (12h), adding the AH_QVAR_P_AUTO_EN bit
Updated FIFO_CTRL (14h), adding the AH_QVAR_P_FIFO_EN bit
Minor textual updates
ILPS22QS
DS13431 - Rev 3
page 51/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com