Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QSTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 18Page - STMicroelectronics ILPS22QSTR Datasheet HTML 19Page - STMicroelectronics ILPS22QSTR Datasheet HTML 20Page - STMicroelectronics ILPS22QSTR Datasheet HTML 21Page - STMicroelectronics ILPS22QSTR Datasheet HTML 22Page - STMicroelectronics ILPS22QSTR Datasheet HTML 23Page - STMicroelectronics ILPS22QSTR Datasheet HTML 24Page - STMicroelectronics ILPS22QSTR Datasheet HTML 25Page - STMicroelectronics ILPS22QSTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
6
Application hints
Figure 14. ILPS22QS electrical connections (top view)
1
GND
2
6
3
4
10
9
8
7
5
CS
AH1/QVAR1
GND_IO
GND
VDD
Vdd_IO
SCL/SPC
C1
GND
GND
Figure 15. AH (analog hub) / Qvar external connections to pin 5, pin 7
AH1/QVAR1 (Pin 7)
AH2/QVAR2 (Pin 5)
D2
Name
Value
C1
10nF
R1,R2
500 Ohm
D1,D2
ESD Diode*
C1
D1
Electrode 2
Electrode 1
*ST ESDALCL5-1BM2 is referenced as an ST catalog product but other similar features of ESD diodes also can be used.
R1
R2
ILPS22QS
Application hints
DS13431 - Rev 3
page 22/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com