Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QSTR Datasheet(PDF) 53 Page - STMicroelectronics

Part # ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 49Page - STMicroelectronics ILPS22QSTR Datasheet HTML 50Page - STMicroelectronics ILPS22QSTR Datasheet HTML 51Page - STMicroelectronics ILPS22QSTR Datasheet HTML 52Page - STMicroelectronics ILPS22QSTR Datasheet HTML 53Page - STMicroelectronics ILPS22QSTR Datasheet HTML 54Page - STMicroelectronics ILPS22QSTR Datasheet HTML 55Page - STMicroelectronics ILPS22QSTR Datasheet HTML 56Page - STMicroelectronics ILPS22QSTR Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
7.4
MIPI I3CSM slave interface...................................................... 30
7.4.1
MIPI I3CSM CCC supported commands ...................................... 30
7.5
Overview of anti-spike filter management ......................................... 31
8
Register mapping.................................................................32
9
Register description ..............................................................33
9.1
INTERRUPT_CFG (0Bh) ....................................................... 33
9.2
THS_P_L (0Ch)............................................................... 34
9.3
THS_P_H (0Dh) .............................................................. 35
9.4
IF_CTRL (0Eh) ............................................................... 35
9.5
WHO_AM_I (0Fh) ............................................................. 35
9.6
CTRL_REG1 (10h) ............................................................ 36
9.7
CTRL_REG2 (11h) ............................................................ 39
9.8
CTRL_REG3 (12h) ............................................................ 40
9.9
FIFO_CTRL (14h) ............................................................. 41
9.10
FIFO_WTM (15h) ............................................................. 42
9.11
REF_P_L (16h) ............................................................... 42
9.12
REF_P_H (17h)............................................................... 42
9.13
I3C_IF_CTRL (19h) ........................................................... 43
9.14
RPDS_L (1Ah)................................................................ 43
9.15
RPDS_H (1Bh) ............................................................... 44
9.16
INT_SOURCE (24h) ........................................................... 44
9.17
FIFO_STATUS1 (25h) ......................................................... 44
9.18
FIFO_STATUS2 (26h) ......................................................... 45
9.19
STATUS (27h) ................................................................ 45
9.20
PRESS_OUT_XL (28h) ........................................................ 46
9.21
PRESS_OUT_L (29h).......................................................... 46
9.22
PRESS_OUT_H (2Ah) ......................................................... 46
9.23
TEMP_OUT_L (2Bh) .......................................................... 46
9.24
TEMP_OUT_H (2Ch) .......................................................... 47
9.25
FIFO_DATA_OUT_PRESS_XL (78h) ............................................. 47
9.26
FIFO_DATA_OUT_PRESS_L (79h) .............................................. 47
9.27
FIFO_DATA_OUT_PRESS_H (7Ah).............................................. 47
10
Package information..............................................................48
10.1
HLGA-10L package information ................................................. 48
10.2
HLGA-10L packing information .................................................. 49
ILPS22QS
Contents
DS13431 - Rev 3
page 53/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com