Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QSTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 21Page - STMicroelectronics ILPS22QSTR Datasheet HTML 22Page - STMicroelectronics ILPS22QSTR Datasheet HTML 23Page - STMicroelectronics ILPS22QSTR Datasheet HTML 24Page - STMicroelectronics ILPS22QSTR Datasheet HTML 25Page - STMicroelectronics ILPS22QSTR Datasheet HTML 26Page - STMicroelectronics ILPS22QSTR Datasheet HTML 27Page - STMicroelectronics ILPS22QSTR Datasheet HTML 28Page - STMicroelectronics ILPS22QSTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
7
Digital interfaces
7.1
Serial interfaces
The registers embedded in the ILPS22QS may be accessed through either the I²C, MIPI I3CSM, or SPI serial
interfaces. The latter operates in 3-wire SPI interface mode.
The serial interfaces are mapped to the same pins. To select/exploit the I²C interface, the CS line must be tied
high (that is, connected to Vdd_IO).
Table 11. Serial interface pin description
Pin name
Pin description
CS
Enables SPI
I²C and MIPI I3CSM / SPI mode selection
(1: SPI idle mode / I²C and MIPI I3CSM communication enabled;
0: SPI communication mode / I²C and MIPI I3CSM disabled)
SCL/SPC
I²C / MIPI I3CSM serial clock (SCL)
SPI serial port clock (SPC)
SDA
SDI/SDO
I²C / MIPI I3CSM serial data (SDA)
3-wire serial data input/output (SDI/SDO)
7.2
I²C serial interface (CS = high)
The ILPS22QS I²C is a bus slave. The I²C is employed to write data into registers whose content can also be read
back.
The relevant I²C terminology is given in the following table.
Table 12. I²C terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a transfer
Slave
The device addressed by the master
There are two signals associated with the I²C bus: the serial clock line (SCL) and the serial data line (SDA). The
latter is a bidirectional line used for sending and receiving the data to/from the interface. Both lines have to be
connected to Vdd_IO through pull-up resistors.
The I²C interface is compliant with fast mode plus (1 MHz) I²C standards as well as with normal mode.
ILPS22QS
Digital interfaces
DS13431 - Rev 3
page 25/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com