Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHH Datasheet(PDF) 16 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 12Page - STMicroelectronics LIS3DHH Datasheet HTML 13Page - STMicroelectronics LIS3DHH Datasheet HTML 14Page - STMicroelectronics LIS3DHH Datasheet HTML 15Page - STMicroelectronics LIS3DHH Datasheet HTML 16Page - STMicroelectronics LIS3DHH Datasheet HTML 17Page - STMicroelectronics LIS3DHH Datasheet HTML 18Page - STMicroelectronics LIS3DHH Datasheet HTML 19Page - STMicroelectronics LIS3DHH Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
FIFO
LIS3DHH
16/29
DocID030220 Rev 3
5.2
FIFO mode
In FIFO mode (FIFO_CTRL (2Eh) (FMODE [2:0] = 001) data from the output channels are
stored in the FIFO memory until it is full, when 32 unread samples are stored in memory,
data collecting is stopped.
To reset FIFO content, Bypass mode should be selected by writing FIFO_CTRL (2Eh)
(FMODE [2:0]) to '000'. After this reset command, it is possible to restart FIFO mode, writing
FIFO_CTRL (2Eh) (FMODE [2:0]) to '001'.
A FIFO threshold interrupt can be enabled (INT1_OVR bit in INT1_CTRL (21h) or
INT2_OVR bit in INT2_CTRL (22h)) in order to be raised when the FIFO is filled to the level
specified by the FTH[4:0] bits of FIFO_CTRL (2Eh).
Figure 10. FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com