Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHH Datasheet(PDF) 22 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 18Page - STMicroelectronics LIS3DHH Datasheet HTML 19Page - STMicroelectronics LIS3DHH Datasheet HTML 20Page - STMicroelectronics LIS3DHH Datasheet HTML 21Page - STMicroelectronics LIS3DHH Datasheet HTML 22Page - STMicroelectronics LIS3DHH Datasheet HTML 23Page - STMicroelectronics LIS3DHH Datasheet HTML 24Page - STMicroelectronics LIS3DHH Datasheet HTML 25Page - STMicroelectronics LIS3DHH Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Register description
LIS3DHH
22/29
DocID030220 Rev 3
7.3
INT1_CTRL (21h)
INT1 pin control register.
Table 12. INT1_CTRL register
Table 13. INT1_CTRL register description
7.4
INT2_CTRL (22h)
INT2 pin control register.
Table 14. INT2_CTRL register
Table 15. INT2_CTRL register description
INT1_
DRDY
INT1_
BOOT
INT1_
OVR
INT1_
FSS5
INT1_FTH INT1_ EXT
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device.
0(1)
INT1_DRDY
Accelerometer data ready on INT1 pin. Default value: 0
(0: disabled; 1: enabled)
INT1_ BOOT
Boot status available on INT1 pin. Default value: 0
(0: disabled; 1: enabled)
INT1_OVR
Overrun flag on INT1 pin. Default value: 0
(0: disabled; 1: enabled)
INT1_ FSS5
FSS5 full FIFO flag on INT1 pin. Default value: 0
(0: disabled; 1: enabled)
INT1_FTH
FIFO threshold flag on INT1 pin. Default value: 0
(0: disabled; 1: enabled)
INT1_ EXT
INT1 pin configuration. Default value: 0
It configures the INT1 pad as output for FIFO flags or as external asynchronous
input trigger to FIFO.
INT2 pad is always available as output for FIFO flags.
(0: INT1 as output interrupt; 1: INT1 as input channel)
INT2_DRDY INT2_BOOT
INT2_OVR INT2_ FSS5 INT2_FTH
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
INT2_DRDY
Accelerometer data ready on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_ BOOT
Boot status available on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_OVR
Overrun flag on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_ FSS5
FSS5 full FIFO flag on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_FTH
FIFO threshold flag on INT2 pin. Default value: 0
(0: disabled; 1: enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com