Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHH Datasheet(PDF) 21 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 17Page - STMicroelectronics LIS3DHH Datasheet HTML 18Page - STMicroelectronics LIS3DHH Datasheet HTML 19Page - STMicroelectronics LIS3DHH Datasheet HTML 20Page - STMicroelectronics LIS3DHH Datasheet HTML 21Page - STMicroelectronics LIS3DHH Datasheet HTML 22Page - STMicroelectronics LIS3DHH Datasheet HTML 23Page - STMicroelectronics LIS3DHH Datasheet HTML 24Page - STMicroelectronics LIS3DHH Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DocID030220 Rev 3
21/29
LIS3DHH
Register description
29
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
linear acceleration and temperature data. The register addresses, consisting of 7 bits, are
used to identify them and to write the data through the serial interface.
7.1
WHO_AM_I (0Fh)
Device identification register.
7.2
CTRL_REG1 (20h)
Control register 1.
Table 9. WHO_AM_I register
00010001
Table 10. CTRL_REG1 register
NORM_
MOD_EN
IF_ADD_
INC
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device.
0(1)
BOOT
SW_RESET
DRDY_
PULSE
BDU
Table 11. CTRL_REG1 register description
NORM_-
MOD_EN
Normal mode enable. Default value: 0
(0: power down; 1: enabled)
IF_ADD_INC
Register address automatically incremented during a multiple byte access with
SPI serial interface. Default value: 1
(0: disabled; 1: enabled)
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content(1))
1. Boot request is executed as soon as the internal oscillator is turned on. It is possible to set the bit while in
power-down mode, in this case it will be served at the next normal mode.
SW_RESET
Software reset. Default value: 0
With SW_RESET the values in the writable CTRL registers are changed to the
default values.
(0: normal mode; 1: reset device)
This bit is cleared by hardware at the end of the operation.
DRDY_PULSE
Data ready on INT1 pin. Default value: 0
(0: DRDY latched; 1: DRDY pulsed, pulse duration is 1/4 ODR)
BDU
Block Data Update. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com