Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHH Datasheet(PDF) 20 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 16Page - STMicroelectronics LIS3DHH Datasheet HTML 17Page - STMicroelectronics LIS3DHH Datasheet HTML 18Page - STMicroelectronics LIS3DHH Datasheet HTML 19Page - STMicroelectronics LIS3DHH Datasheet HTML 20Page - STMicroelectronics LIS3DHH Datasheet HTML 21Page - STMicroelectronics LIS3DHH Datasheet HTML 22Page - STMicroelectronics LIS3DHH Datasheet HTML 23Page - STMicroelectronics LIS3DHH Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Register mapping
LIS3DHH
20/29
DocID030220 Rev 3
6
Register mapping
The table given below provides a list of the 8/16-bit registers embedded in the device and
the corresponding addresses.
Table 8. Register mapping
Registers marked as Reserved must not be changed. Writing to those registers may affect
the correct behavior of the device.
Their content is automatically restored when the device is powered up.
Name
Type
Register address
Default
Note
Hex
Binary
Reserved
--
00-0E
--
--
Reserved
WHO_AM_I
r
0F
00001111
00010001
Reserved
--
10-1F
--
--
Reserved
CTRL_REG1
r/w
20
00100000
00000000
INT1_CTRL
r/w
21
00100001
00000000
INT2_CTRL
r/w
22
00100010
00000000
CTRL_REG4
r/w
23
00100011
00000000
CTRL_REG5
r/w
24
00100100
00000000
OUT_TEMP_L
r
25
00100101
output
OUT_TEMP_H
r
26
00100110
output
STATUS
r
27
00100111
output
OUT_X_L_XL
r
28
00101000
output
OUT_X_H_XL
r
29
00101001
output
OUT_Y_L_XL
r
2A
00101010
output
OUT_Y_H_XL
r
2B
00101011
output
OUT_Z_L_XL
r
2C
00101100
output
OUT_Z_H_XL
r
2D
00101101
output
FIFO_CTRL
r/w
2E
00101110
00000000
FIFO_SRC
r
2F
00101111
output
Reserved
--
30-32
--
--
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com