Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHH Datasheet(PDF) 17 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 13Page - STMicroelectronics LIS3DHH Datasheet HTML 14Page - STMicroelectronics LIS3DHH Datasheet HTML 15Page - STMicroelectronics LIS3DHH Datasheet HTML 16Page - STMicroelectronics LIS3DHH Datasheet HTML 17Page - STMicroelectronics LIS3DHH Datasheet HTML 18Page - STMicroelectronics LIS3DHH Datasheet HTML 19Page - STMicroelectronics LIS3DHH Datasheet HTML 20Page - STMicroelectronics LIS3DHH Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
DocID030220 Rev 3
17/29
LIS3DHH
FIFO
29
5.3
Continuous mode
Continuous mode (FIFO_CTRL (2Eh) (FMODE[2:0] = 110) provides a continuous FIFO
update: when 32 unread samples are stored in memory, as new data arrives the oldest data
is discarded and overwritten by the newer.
A FIFO threshold flag FIFO_SRC (2Fh)(FTH) is asserted when the number of unread
samples in FIFO is greater than or equal to FIFO_CTRL (2Eh)(FTH4:0).
It is possible to route FIFO_SRC (2Fh)(FTH) to the INT1 pin by writing the INT1_FTH bit to
‘1’ in register INT1_CTRL (21h) or to the INT2 pin by writing the INT2_FTH bit to ‘1’ in
register INT2_CTRL (22h).
A full-flag interrupt can be enabled (INT1_CTRL (21h) (INT_ FSS5)= '1' or INT2_CTRL
(22h) (INT_ FSS5)= '1') when the FIFO becomes saturated and in order to read the contents
all at once. If an overrun occurs, the oldest sample in FIFO is overwritten and the OVRN flag
in FIFO_SRC (2Fh) is asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of
unread samples available in FIFO_SRC (2Fh) (FSS[5:0]).
Figure 11. Continuous mode
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
x30
y30
z30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com