Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHH Datasheet(PDF) 24 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 20Page - STMicroelectronics LIS3DHH Datasheet HTML 21Page - STMicroelectronics LIS3DHH Datasheet HTML 22Page - STMicroelectronics LIS3DHH Datasheet HTML 23Page - STMicroelectronics LIS3DHH Datasheet HTML 24Page - STMicroelectronics LIS3DHH Datasheet HTML 25Page - STMicroelectronics LIS3DHH Datasheet HTML 26Page - STMicroelectronics LIS3DHH Datasheet HTML 27Page - STMicroelectronics LIS3DHH Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Register description
LIS3DHH
24/29
DocID030220 Rev 3
7.7
OUT_TEMP_L (25h), OUT_TEMP_H (26h)
Temperature data output register. L and H registers together express a 16-bit word in two’s
complement left-justified.
7.8
STATUS (27h)
Status register (r)
Table 24. Status register
Table 21. OUT_TEMP_L register
Temp3
Temp2
Temp1
Temp0
0
0
0
0
Table 22. OUT_TEMP_H register
Temp11
Temp10
Temp9
Temp8
Temp7
Temp6
Temp5
Temp4
Table 23. OUT_TEMP register description
Temp [11:0]
Temperature sensor output data.
The value is expressed as two’s complement sign.
0 LSB represents T=25 °C ambient.
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 25. Status register description
ZYXOR Logic OR of the single X-, Y- and Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous set)
ZOR
Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Z-axis has overwritten the previous data)
YOR
Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous data)
XOR
X-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the X-axis has overwritten the previous data)
ZYXDA Logic AND of the single X-, Y- and Z-axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZDA
Z-axis new data available. Default value: 0
(0: new data for the Z-axis is not yet available; 1: new data for the Z-axis is available)
YDA
Y-axis new data available. Default value: 0
(0: new data for the Y-axis is not yet available; 1: new data for the Y-axis is available)
XDA
X-axis new data available. Default value: 0
(0: new data for the X-axis is not yet available; 1: new data for the X-axis is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com