Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHH Datasheet(PDF) 25 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 21Page - STMicroelectronics LIS3DHH Datasheet HTML 22Page - STMicroelectronics LIS3DHH Datasheet HTML 23Page - STMicroelectronics LIS3DHH Datasheet HTML 24Page - STMicroelectronics LIS3DHH Datasheet HTML 25Page - STMicroelectronics LIS3DHH Datasheet HTML 26Page - STMicroelectronics LIS3DHH Datasheet HTML 27Page - STMicroelectronics LIS3DHH Datasheet HTML 28Page - STMicroelectronics LIS3DHH Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
DocID030220 Rev 3
25/29
LIS3DHH
Register description
29
7.9
OUT_X (28h - 29h)
Linear acceleration sensor X-axis output register. The value is expressed as a 16-bit word in
two’s complement.
7.10
OUT_Y (2Ah - 2Bh)
Linear acceleration sensor Y-axis output register. The value is expressed as a 16-bit word in
two’s complement.
7.11
OUT_Z (2Ch - 2Dh)
Linear acceleration sensor Z-axis output register. The value is expressed as a 16-bit word in
two’s complement.
7.12
FIFO_CTRL (2Eh)
FIFO control register.
Table 26. FIFO_CTRL register
FMODE2
FMODE1
FMODE0
FTH4
FTH3
FTH2
FTH1
FTH0
Table 27. FIFO_CTRL register description
FMODE [2:0]
FIFO mode selection bits. Default value: 000
For further details refer to Table 28.
FTH [4:0]
FIFO threshold level setting. Default value: 0 0000
Table 28. FIFO mode selection
FMODE2
FMODE1
FMODE0
Mode
0
0
0
Bypass mode. FIFO turned off
0
0
1
FIFO mode. Stops collecting data when FIFO is full.
0
1
0
Reserved
0
1
1
Continuous mode until trigger is asserted, then FIFO mode.
1
0
0
Bypass mode until trigger is asserted, then Continuous mode.
1
0
1
Reserved
1
1
0
Continuous mode. If the FIFO is full, the new sample over-
writes the older sample.
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com