Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHH Datasheet(PDF) 23 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 19Page - STMicroelectronics LIS3DHH Datasheet HTML 20Page - STMicroelectronics LIS3DHH Datasheet HTML 21Page - STMicroelectronics LIS3DHH Datasheet HTML 22Page - STMicroelectronics LIS3DHH Datasheet HTML 23Page - STMicroelectronics LIS3DHH Datasheet HTML 24Page - STMicroelectronics LIS3DHH Datasheet HTML 25Page - STMicroelectronics LIS3DHH Datasheet HTML 26Page - STMicroelectronics LIS3DHH Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
DocID030220 Rev 3
23/29
LIS3DHH
Register description
29
7.5
CTRL_REG4 (23h)
Control register 4.
7.6
CTRL_REG5 (24h)
Control register 5.
Table 19. CTRL_REG5 register
Table 20. CTRL_REG5 register description
Table 16. CTRL_REG4 register
DSP_LP_
TYPE
DSP_BW_
SEL
ST2
ST1
PP_OD_
INT2
PP_OD_
INT1
FIFO_EN
1(1)
1. This bit must be set to ‘1’ for correct operation of the device.
Table 17. CTRL_REG4 register description
DSP_LP_TYPE
Digital filtering selection. Default value: 0
(0: FIR Linear Phase; 1: IIR Nonlinear Phase)
DSP_BW_SEL
User-selectable bandwidth. Default value: 0
(0: 440 Hz typ.; 1: 235 Hz typ.)
ST [2:1]
Self-test enable. Default value: 00
(00: Self-test disabled; Other: See Table 18)
PP_OD_INT2
Push-pull/open drain selection on INT2 pin. Default value: 0
(0: push-pull mode; 1: open drain mode)
PP_OD_INT1
Push-pull/open drain selection on INT1 pin. Default value: 0
(0: push-pull mode; 1: open drain mode)
FIFO_EN
FIFO memory enable. Default value: 0
(0: disabled; 1: enabled)
Table 18. Self-test mode selection
ST2
ST1
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
Not allowed
0(1)
1. These bits must be set to ‘0’ for correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
FIFO_SPI_HS_ON
FIFO_SPI_HS_ON
Enables the SPI high speed configuration for the FIFO block that is used to
guarantee a minimum duration of the window in which writing operation of
RAM output is blocked. This bit is recommended for SPI clock frequencies
higher than 6 MHz. Default value: 0.
(0: not enabled; 1: enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com