Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H02 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 13Page - STMicroelectronics L99H02 Datasheet HTML 14Page - STMicroelectronics L99H02 Datasheet HTML 15Page - STMicroelectronics L99H02 Datasheet HTML 16Page - STMicroelectronics L99H02 Datasheet HTML 17Page - STMicroelectronics L99H02 Datasheet HTML 18Page - STMicroelectronics L99H02 Datasheet HTML 19Page - STMicroelectronics L99H02 Datasheet HTML 20Page - STMicroelectronics L99H02 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
DS12547 Rev 6
17/51
L99H02
Electrical specifications
50
Table 15. Cross current protection time
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
15.1
tCCP0
Cross current protection time
VCC = 5 V, VS = 13.5 V
—
250(1)
—
ns
15.2
tCCP1
Cross current protection time
VCC = 5 V, VS = 13.5 V
250
500
750
15.3
tCCP2
Cross current protection time
VCC = 5 V, VS = 13.5 V
500
750
1000
15.4
tCCP3
Cross current protection time
VCC = 5 V, VS = 13.5 V
700
1000
1300
15.5
tCCP4
Cross current protection time
VCC = 5 V, VS = 13.5 V
950
1250
1570
15.6
tCCP5
Cross current protection time
VCC = 5 V, VS = 13.5 V
1160
1500
1880
15.7
tCCP6
Cross current protection time
VCC = 5 V, VS = 13.5 V
1360
1750
2180
15.8
tCCP7
Cross current protection time
VCC = 5 V, VS = 13.5 V
1560
2000
2480
1. Not tested.
Table 16. Drain source monitoring
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
16.1
VSCd1
Drain - source threshold voltage
—
0.15
0.5
0.7
V
16.2
VSCd2
Drain - source threshold voltage
—
0.45
1
1.25
V
16.3
VSCd3
Drain - source threshold voltage
—
0.9
1.5
1.8
V
16.4
VSCd4
Drain - source threshold voltage
—
1.4
2
2.35
V
16.5
tSCd
Drain - source filter-time
—
6
µs
Table 17. Thermal sense interface (4.5 V < VCC <5.3 V)
Item Symbol
Parameter
Min.
Typ.
Max. Unit
17.1
ITS_bias Output bias current
200
250
300
µA
17.2
Vth_TS
TS threshold voltage
VTS < VCC - 1 V
n = number of diodes
m = programmed level (0 to 7)
n*(0.31+m*0.03)
V
Table 18. Current sense amplifier
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
DC parameters
18.1
VICM
Input voltage range –
common mode
VCC = 5 V, VS = 13 V
-4
VCP -
8V
V
18.2
VIOFF50
Input offset voltage
VCC = 5 V, VS = 13 V
Gain = 50
-11
-4
3
mV
18.3
VIOFF20
Input offset voltage
VCC = 5 V, VS = 13 V
Gain = 20
-23
-8
7
mV
18.4
VIOFF10
Input offset voltage
VCC = 5 V, VS = 13 V
Gain = 10
-30
-10
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com