Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H02 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 34Page - STMicroelectronics L99H02 Datasheet HTML 35Page - STMicroelectronics L99H02 Datasheet HTML 36Page - STMicroelectronics L99H02 Datasheet HTML 37Page - STMicroelectronics L99H02 Datasheet HTML 38Page - STMicroelectronics L99H02 Datasheet HTML 39Page - STMicroelectronics L99H02 Datasheet HTML 40Page - STMicroelectronics L99H02 Datasheet HTML 41Page - STMicroelectronics L99H02 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Functional description of the SPI
L99H02
38/51
DS12547 Rev 6
Comments:
RWD: restarts the watchdog counter by setting the bit to one
COPT[2:0]: filter time to protect the two external half bridges against cross current
FW: selects high-side or low-side free wheeling
MCSA: multiplexer for current sense amplifier.
GCSA[1:0]: gain of the current sense amplifier.
Table 36. Address 2 <02(hex)>: ApplReg2 – read/write
Bit
7
6
5
4
3
2
1
0
Name
RWD
COPT_2
COPT_1
COPT_0
FW
MCSA
GCSA_1
GCSA_0
<default>
0
0
0
0
0
0
0
0
Table 37. Cross current protection time (tCCP)
COPT_2
COPT_1
COPT_0
Protection time
0
0
0
250 ns
0
0
1
500 ns
0
1
0
750 ns
0
1
1
1000 ns
1
0
0
1250 ns
1
0
1
1500 ns
1
1
0
1750 ns
1
1
1
2000 ns
Table 38. Multiplexer for current sense amplifier
MCSA
Selected amplifier
0
CSA2 (CSI2+ / CSI2-)
1
CSA1 (CSI1+ / CSI1-)
Table 39. Gain of current sense amplifier
GCSA_1
GCSA_0
Gain
00
10
01
20
10
50
1
1
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com