Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H02 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 21Page - STMicroelectronics L99H02 Datasheet HTML 22Page - STMicroelectronics L99H02 Datasheet HTML 23Page - STMicroelectronics L99H02 Datasheet HTML 24Page - STMicroelectronics L99H02 Datasheet HTML 25Page - STMicroelectronics L99H02 Datasheet HTML 26Page - STMicroelectronics L99H02 Datasheet HTML 27Page - STMicroelectronics L99H02 Datasheet HTML 28Page - STMicroelectronics L99H02 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
DS12547 Rev 6
25/51
L99H02
Device description
50
3
Device description
3.1
Dual power supply: VS and VCC
The power supply Vs supplies the charge pump and the gate drivers. An internal charge-
pump is used to drive the high-side switches and the low-side switches. The supply voltage
VCC (3.3 V / 5 V) is used for the logic part, the SPI of the device and for the output stage of
the current sense amplifier. Due to the independent logic supply voltage the control and the
status information is not lost, even if the supply voltage VS is switched-off. In case of power-
on (VCC increases from undervoltage to VPOR OFF = 2.5 V, typical) the circuit is initialized by
an internally generated power-on reset (POR). If the voltage VCC decreases under the
minimum threshold (VPOR ON = 2.2 V, typical), the outputs are switched-off and the status
and the control registers are reset to default values.
3.2
Standby mode (EN)
The L99H02 is activated with enable input high. For enable input floating (not connected) or
VEN = 0 V the device is in standby mode. In standby mode all latched data are cleared and
inputs and outputs are switched-off. In standby mode the current at VS is less than 5 µA
(1 µA) for CSN = high (DO in tristate). If VCC > VPOR OFF and EN = high the device enters
the active mode.
In active mode the diagnostic functions are active. In fact gate drivers and charge pump
status will depend on the fault flags. For example if the device enters in active mode with
VS>VSOV the charge pump will be disabled.
3.3
H-bridge control (DIR, PWM, bit FW)
The DIR and PWM inputs control the drivers of the external H-bridge transistors. The motor
direction can be chosen with the DIR input, the duty cycle and frequency with the PWM
input. With the SPI bits FW and FW-PAS 4 different free wheeling modes (2 active and 2
passive) can be selected by using the high-side transistors or the low-side transistors.
Unconnected inputs are defined by internal pull-down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com