Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H02 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 23Page - STMicroelectronics L99H02 Datasheet HTML 24Page - STMicroelectronics L99H02 Datasheet HTML 25Page - STMicroelectronics L99H02 Datasheet HTML 26Page - STMicroelectronics L99H02 Datasheet HTML 27Page - STMicroelectronics L99H02 Datasheet HTML 28Page - STMicroelectronics L99H02 Datasheet HTML 29Page - STMicroelectronics L99H02 Datasheet HTML 30Page - STMicroelectronics L99H02 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
DS12547 Rev 6
27/51
L99H02
Device description
50
Symbols:
x: Don't care
1: Logic high or active
0: Logic low or not active
H: Output in source condition
L: Output in sink condition
RL: Resistive low (see Section 3.4: Resistive low)
T: Tristate
FW: Free wheeling
FW_PAS: Free wheeling passive
CP_LOW: Charge pump low
OV: Overvoltage
UV: Undervoltage
DS_MON: Short-circuit
TSD: Thermal shutdown
GL_ER: Global error flag
3.4
Resistive low
The resistive low output mode protects the L99H02 and the H-bridge in standby mode and
in some failure modes (internal thermal shutdown (TSD), charge pump low (CP_LOW),
stucked reset (STK_RESET_Q) and power-on reset (POR). When a gate driver changes
into the resistive low output mode due to a failure a sequence is started. In this sequence
the concerning driver is switched in sink condition for 32 µs to 64 µs to ensure a fast switch-
off of the H-bridge transistor. Afterwards the driver is switched in the resistive output mode
(resistive path to source).
3.5
Diagnostic functions
The diagnostic functions (over load, power supply over- and undervoltage, charge pump
low, watchdog, temperature warning and internal/external thermal shutdown) are internally
filtered and the condition has to be valid for at least 64 µs (6 µs for a short-circuit) before the
corresponding status bit in the status registers is set. The filters are used to improve the
noise immunity of the device. The internal temperature warning function is intended for
information purpose and does not change the state of the output drivers. On the contrary,
the over load condition switches the corresponding half bridge in sink condition. The internal
thermal shutdown condition and charge pump low disable all drivers (resistive low). The
external thermal shutdown, watchdog, over- and undervoltage condition switch all drivers in
sink condition. The microcontroller needs to clear the status bits to reactivate the drivers.
3.6
Overvoltage and undervoltage detection
If the power supply voltage VS rises above the overvoltage threshold VVS_OV
(typical 20 V / 30 V), all gate driver stages are switched in sink condition to protect the
H-bridge and the load, setting the OV flag. Two values for the overvoltage threshold can be
selected with the SPI. When the voltage VS drops below the undervoltage threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com