Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H02 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 25Page - STMicroelectronics L99H02 Datasheet HTML 26Page - STMicroelectronics L99H02 Datasheet HTML 27Page - STMicroelectronics L99H02 Datasheet HTML 28Page - STMicroelectronics L99H02 Datasheet HTML 29Page - STMicroelectronics L99H02 Datasheet HTML 30Page - STMicroelectronics L99H02 Datasheet HTML 31Page - STMicroelectronics L99H02 Datasheet HTML 32Page - STMicroelectronics L99H02 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
DS12547 Rev 6
29/51
L99H02
Device description
50
3.11
Current sense amplifier (CSA)
The current sense amplifier (CSA) is specially designed for current sensing in automotive
applications. It is a bidirectional, single-supply amplifier for amplifying small differential
voltages in a wide common mode voltage range (-4 V to (VCP - 8) V). It supports the current
measurement at two shunts. The result of the respective shunt can be multiplexed to the
microcontroller compatible output voltage by a SPI command.
A gain of 50, 20 or 10 is SPI programmable. The inputs (CSI1+ / CSI1- and CSI2+ / CSI2-)
are built as a transconductance stage. Therefore a series resistor (for filtering etc.) should
not exceed 50
 to keep the additional gain error below 1%.
The output works at half scale: VCSO0 = (0,5 * VCC) V for VIDIFF = 0 V. An internal offset
measurement is in normal mode available with the "OFF_CAL" SPI-bit. If this bit is set to
logic "1" the input pins are disconnected from the amplifier and a virtual zero input
differential voltage is selected.
3.12
Thermal sensor interface / H-bridge switch-off input
The TS/ACT_OFF input pin is configurable by SPI with the EXT_TS bit. This pin could be
used as temperature sensor interface for the power stage temperature sensors or as
external switch off input for the power stage (all the external MOSFETs). The output bias
current for the power stage temperature sensors ITS_bias is on for EN = high.
3.12.1
EXT_TS-bit = low (active off)
The TS/ACT_OFF input is used as a logic driver control input, without filter delay and
without latching the information.
Pulling the TS/ACT_OFF pin below the programmed threshold shuts off all the MOSFETs
and sets the OT_EXT bit.
Increasing the voltage at TS/ACT_OFF pin above the programmed threshold brings back
the MOSFETs to the status set by DIR and PWM-pins and resets the OT_EXT bit.
The threshold is programmable by SPI with the bits EXTTH_5:0.
3.12.2
EXT_TS-bit = high (thermal sensor interface)
The thermal sensor interface together with the thermal sensor diodes, can be used to
control the temperature of the external H-bridge. When the drop over the diodes chain
decreases below the reference voltage for longer than the internal filter time (64 µs) the
OT_EXT bit is set and the drivers switch in sink condition.
In this mode the OT_EXT-status-bit has to be cleared through a software reset to reactivate
the gate drivers.
The threshold is programmable by SPI with the bits EXTTH_5:0.
3.13
Watchdog
The task of the watchdog is to monitor the microcontroller during normal operation within a
nominal trigger cycle of 60 ms. The microcontroller has to restart the watchdog timer by
setting the watchdog restart bit via SPI repeatedly within the watchdog time TWDTO. If no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com