Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H02 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 36Page - STMicroelectronics L99H02 Datasheet HTML 37Page - STMicroelectronics L99H02 Datasheet HTML 38Page - STMicroelectronics L99H02 Datasheet HTML 39Page - STMicroelectronics L99H02 Datasheet HTML 40Page - STMicroelectronics L99H02 Datasheet HTML 41Page - STMicroelectronics L99H02 Datasheet HTML 42Page - STMicroelectronics L99H02 Datasheet HTML 43Page - STMicroelectronics L99H02 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Functional description of the SPI
L99H02
40/51
DS12547 Rev 6
Equation 1
Vth = n * (0.31 + m * 0.03) V
The purpose of factor n is to determine the number of external temperature sense diodes (in
series). With factor m the level of the threshold voltage can be fine tuned.
4.7
Read device information (ROM)
The device information is stored at the ROM addresses defined below and it is read using
the corresponding operating code.
The <ID-Header> indicates the product family and specifies how many bytes of device
information are available.
In Table 44 the register is addressable only through a read device information command.
FAM[1:0]: family identifier, FAM[1:0] = [0:1] stands for ASSPs.
NR_PI[5:0]: number of product information bytes.
The <Product Code 1 and 2> represents a unique identifier of the device and version.
In Table 45 the register is addressable only through a read device information command.
In Table 46 the register is addressable only through a read device information command.
Table 43. Read device information (ROM)
Op code
Address
Device information
OC1
OC0
Ax
1
1
00H
<ID-Header>
1
1
01H
<Product Code 1>
1
1
02H
<Product Code 2>
1
1
03H
<SPI-frame-ID>
1
1
3FH
Reserved, accessing this address is recognized as a failure, the
device enters a fail-safe state (see Table 30: Global Status Byte).
Table 44. Address 0 <00(hex)>: ID-header - read only
Bit
7
6
543
21
0
Name
FAM_1
FAM_0
NR_PI_5
NR_PI_4 NR_PI_3
NR_PI_2 NR_PI_1
NR_PI_0
<default>
0
1
000
01
0
Table 45. Address 1 <01(hex)>: product ID (LSB) - read only
Bit
76543210
Name
PR_ID_7 PR_ID_6 PR_ID_5 PR_ID_4 PR_ID_3 PR_ID_2 PR_ID_1 PR_ID_0
<default>
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com