Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H02 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 16Page - STMicroelectronics L99H02 Datasheet HTML 17Page - STMicroelectronics L99H02 Datasheet HTML 18Page - STMicroelectronics L99H02 Datasheet HTML 19Page - STMicroelectronics L99H02 Datasheet HTML 20Page - STMicroelectronics L99H02 Datasheet HTML 21Page - STMicroelectronics L99H02 Datasheet HTML 22Page - STMicroelectronics L99H02 Datasheet HTML 23Page - STMicroelectronics L99H02 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Electrical specifications
L99H02
20/51
DS12547 Rev 6
Figure 4. Output timing diagram (active free wheeling)
Figure 5. Output timing diagram (passive free wheeling)
PWM
t
GH/Lx
*
t
80%
50%
20%
tGHxr
tGHxf
tGHxHL
GL/Hx
**
t
50%
tCCP
tGLxr
80%
20%
tGLxf
tGLxHL
tCCP
*: GHx for FW-low (free wheeling)
GLx for FW-high
**: GLx for FW-low
GHx for FW-high
GAPGCFT00683
PWM
t
GH/Lx
*
t
80%
50%
20%
tGHxr
tGHxf
tGHxHL
tGLxHL
PWM
t
GH/Lx
*
t
80%
50%
20%
tGHxr
tGHxf
tGHxHL
tGLxHL
GAPGCFT00684



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com