Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H02 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 15Page - STMicroelectronics L99H02 Datasheet HTML 16Page - STMicroelectronics L99H02 Datasheet HTML 17Page - STMicroelectronics L99H02 Datasheet HTML 18Page - STMicroelectronics L99H02 Datasheet HTML 19Page - STMicroelectronics L99H02 Datasheet HTML 20Page - STMicroelectronics L99H02 Datasheet HTML 21Page - STMicroelectronics L99H02 Datasheet HTML 22Page - STMicroelectronics L99H02 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
DS12547 Rev 6
19/51
L99H02
Electrical specifications
50
18.22
SRcso_50
CSO slew rate
VCC = 5 V, VS = 13 V
Gain = 50; RL = 1 k
,;
CL = 22 pF
4.4
6
V/µs
18.23
ICSI_10
CSI input current
VCC = 5 V, VS = 13 V
Gain = 10
-114
-102
-90
µA
18.24
ICSI_20
CSI input current
VCC = 5 V, VS = 13 V
Gain = 20
-80
-72
-64
µA
18.25
ICSI_50
CSI input current
VCC = 5 V, VS = 13 V
Gain = 50
-39
-33
-27
µA
1. Not tested, guaranteed by design.
Table 18. Current sense amplifier (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com