Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H02 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 18Page - STMicroelectronics L99H02 Datasheet HTML 19Page - STMicroelectronics L99H02 Datasheet HTML 20Page - STMicroelectronics L99H02 Datasheet HTML 21Page - STMicroelectronics L99H02 Datasheet HTML 22Page - STMicroelectronics L99H02 Datasheet HTML 23Page - STMicroelectronics L99H02 Datasheet HTML 24Page - STMicroelectronics L99H02 Datasheet HTML 25Page - STMicroelectronics L99H02 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Electrical specifications
L99H02
22/51
DS12547 Rev 6
Figure 6. SPI - transfer timing diagram
Table 21. DO timing
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
21.1
tr DO
DO rise time
CL = 100 pF;
Iload =-1mA
—80
140
ns
21.2
tf DO
DO fall time
CL = 100 pF; Iload =1mA
—
50
100
ns
21.3
ten DO tri L
DO enable time from
tristate to low-level
CL = 100 pF; Iload =1mA;
pull-up load to VCC
—100
250
ns
21.4
tdis DO L tri
DO disable time from
low-level to tristate
CL = 100 pF; Iload =4mA;
pull-up load to VCC
—380
450
ns
21.5 ten DO tri H
DO enable time from
tristate to high-level
CL = 100 pF;
Iload = -1 mA; pull-down load
to GND
—100
250
ns
21.6 tdis DO H tri
DO disable time from
high-level to tristate
CL = 100 pF;
Iload = -4 mA; pull-down load
to GND
—380
450
ns
21.7
td DO
DO delay time
VDO <0.3 VCC;
VDO >0.7 VCC; CL = 100 pF
—50
250
ns
Table 22. EN, CSN timing
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
22.3
tCSN_HI,min
CSN HI time, active
mode: the min high time
between two independent
SPI commands.
Transfer of SPI-
command to input
register
2µs
15
1
15
14
time
time
time
time
time
CSN high to low: DO enabled
actual data
DI: data will be accepted on the rising edge of CLK signal
new data
CSN
CLK
DI
DO
Input data
DO: data will change on the falling edge of CLK signal
status information
fault bit
CSN low to high: actual data is
transferred
old data
1
0
actual data
14
13
12
11
10
9
7
8
9
8
7
15
65
4
3
14
13
12
11
10
9
8
7
6
5
4
15
3
2
1
0
GADG161020201118RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com