Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090FG Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA8090FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090FG Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA8090FG Datasheet HTML 13Page - STMicroelectronics STA8090FG Datasheet HTML 14Page - STMicroelectronics STA8090FG Datasheet HTML 15Page - STMicroelectronics STA8090FG Datasheet HTML 16Page - STMicroelectronics STA8090FG Datasheet HTML 17Page - STMicroelectronics STA8090FG Datasheet HTML 18Page - STMicroelectronics STA8090FG Datasheet HTML 19Page - STMicroelectronics STA8090FG Datasheet HTML 20Page - STMicroelectronics STA8090FG Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DS10719 Rev 6
17/41
STA8090FG
Pin description
40
2.9
RF Front-end pins
GPIO1
VDDIO_R1
I/O AF0 (default)
GPIO1
General purpose I/O #1 / BOOT3
B7
I
AF1
i2s_in_sdata
MSP serial data input
O
AF2
PPS_OUT
Pulse per second output
I/O
AF3
Tsense
External temperature capture port
GPIO2
VDDIO_R2
I/O AF0 (default)
GPIO2
General purpose I/O #2
K3
I/O
AF1
Reserved
Reserved
I
AF2
Timer_ICAPB
Extended Function Timer – Input
Capture B
O
AF3
Mag_1 GC
GLONASS and BeiDou 3-bit coding
Output (MAG1)
GPIO10 VDDIO_R2
I/O
AF0
(default),
AF1
GPIO10
General purpose I/O #10
H2
I
AF2
Timer_ICAPA
Extended Function Timer – Input
Capture A
O
AF3
Timer_OCMPB
Extended Function Timer – Output
Compare B
GPIO11 VDDIO_R2
I/O
AF0
(default),
AF1
GPIO11
General purpose I/O #11
J2
O
AF2
Timer_OCMPA
Extended Function Timer – Output
Compare A
I
AF3
Timer_ICAPB
Extended Function Timer – Input
Capture B
Table 9. General purpose pins (continued)
Symbol
I/O
voltage
I/O
Alternative
function
Function
Description
STA8090FG
Table 10. RF Front-end pins
Symbol
I/O
voltage
I/O
Description
STA8090FG
ANT_SENSE1
3.3 V
I
Antenna sensing input 1
K9
ANT_SENSE2
3.3 V
I
Antenna sensing input 2
J8
LNA_IN
1.2 V
I
Low Noise Amplifier Input
L6
XTAL_IN
1.2 V
I
Input Side of Crystal Oscillator or TCXO Input
H9
XTAL_OUT
1.2 V
O
Output Side of Crystal Oscillator
G9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com