Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090FG Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA8090FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090FG Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA8090FG Datasheet HTML 33Page - STMicroelectronics STA8090FG Datasheet HTML 34Page - STMicroelectronics STA8090FG Datasheet HTML 35Page - STMicroelectronics STA8090FG Datasheet HTML 36Page - STMicroelectronics STA8090FG Datasheet HTML 37Page - STMicroelectronics STA8090FG Datasheet HTML 38Page - STMicroelectronics STA8090FG Datasheet HTML 39Page - STMicroelectronics STA8090FG Datasheet HTML 40Page - STMicroelectronics STA8090FG Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
DS10719 Rev 6
39/41
STA8090FG
Revision history
40
7
Revision history
Table 32. Document revision history
Date
Revision
Changes
21-Nov-2014
1
Initial release.
04-Dec-2014
2
Table 6: Test/emulated dedicated pins
– TDI, TMS: updated description
Table 7: Communication interface pins
– SPI_DI: updated description
Table 9: General purpose pins
– GPIO1: updated description
Table 20: Low voltage detection thresholds
– Input LVD always on and main VRs: removed minimum and maximun values
05-Nov-2015
3
Updated Features and Description
Updated Chapter 1: Overview
Updated Figure 1: STA8090FG system block diagram
Table 4: Power supply pins:
– VOL1 VOM, VDDD: updated description
Updated Section 3.4.3: UART and Section 3.4.4: Flash
Added Section 3.4.5: SDMMC and Section 3.4.11: MSP
Table 12: Voltage characteristics:
–VESD-HBM, VESD-CDM: updated values
Table 15: Power consumption:
–PRF: updated typical value for GPS/Galileo
–PMVR, PLPVR, PIO: added note
–IDSLEEP: updated value
Table 16: Recommended DC operating conditions:
–VINL1, VINL2, VINM: updated parameter
Table 17: SMPS DC characteristics:
–VOM: set min and max values as TBD, removed condition for Output voltage at 1.0 V
Table 18: LDO1 DC characteristics:
–VOL1: set min and max values as TBD, removed condition for Output voltage at 1.0 V
Table 19: LDO2 DC characteristics:
–VOL2: set min and max values as TBD
Table 20: Low voltage detection thresholds:
– Output LVD main VR: removed condition for Output voltage at 1.0 V
Table 23: RFACHAIN – GALGPS filter and VGA:
– S11: Added note
–CG: updated values
Table 24: RFCHAIN – GLONASS/BeiDou filter and VGA:
– S11: Added note
–CG: updated values
Table 27: Oscillator amplifier specifications:
–TS: updated minimum value
Updated Section 4.8.3: OSCI oscillator specifications,
Section 4.8.5: Flash specifications and Chapter 6: Ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com