Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090FG Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA8090FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090FG Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA8090FG Datasheet HTML 19Page - STMicroelectronics STA8090FG Datasheet HTML 20Page - STMicroelectronics STA8090FG Datasheet HTML 21Page - STMicroelectronics STA8090FG Datasheet HTML 22Page - STMicroelectronics STA8090FG Datasheet HTML 23Page - STMicroelectronics STA8090FG Datasheet HTML 24Page - STMicroelectronics STA8090FG Datasheet HTML 25Page - STMicroelectronics STA8090FG Datasheet HTML 26Page - STMicroelectronics STA8090FG Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
DS10719 Rev 6
23/41
STA8090FG
General description
40
alarm time is reached. It has a clock trimming feature to compensate for the accuracy of the
32.768 kHz crystal and a secured time update.
RTC features
47-bit counter clocked by 32.768 kHz clock
32-bit for the integer part (seconds) and 15-bit for the fractional part
The integer part and the fractional part are readable independently
The counter, once enabled, can be stopped
Integer part load register (32-bit)
Fractional part load register (15-bit)
Load bit to transfer the content of the entire load register (integer+fractional part) to the
47-bit counter. Once set by the MCU this bits is cleared by the hardware to signal to the
MCU that the RTC has been updated.
3.4.11
MSP
The STA8090FG provides one MSP transmitter block.
Element (data) size from 8 to 32 bits, LSB or MSB first
Programmable frequency shift clock for data transfer
Direct interface to:
Industry-standard codecs and serially connected A/D and D/A devices
IIS compliant devices
SPI compliant devices
Transmit first-in, first-out memory buffers (FIFOs), 32 bits wide, 8 locations deep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com