Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090FG Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA8090FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090FG Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA8090FG Datasheet HTML 18Page - STMicroelectronics STA8090FG Datasheet HTML 19Page - STMicroelectronics STA8090FG Datasheet HTML 20Page - STMicroelectronics STA8090FG Datasheet HTML 21Page - STMicroelectronics STA8090FG Datasheet HTML 22Page - STMicroelectronics STA8090FG Datasheet HTML 23Page - STMicroelectronics STA8090FG Datasheet HTML 24Page - STMicroelectronics STA8090FG Datasheet HTML 25Page - STMicroelectronics STA8090FG Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
General description
STA8090FG
22/41
DS10719 Rev 6
3.4.4
Flash
The STA8090FG integrates 16 Mbits or 32 Mbits of Flash Memory. This eliminates the need
of the external Flash simplifying the routing associated to integrate a GPS receiver into a
customer board.
3.4.5
SDMMC
STA8090FG features an SD/MMC host.
3.4.6
MTU
The 2 Multi Timer Units provide access to eight interrupt generating programmable 32-bit
Free-Running decrementing Counters (FRCs). The FRCs have their own clock input,
allowing the counters to run from a much slower clock than the system clock.
The FRC is the part of the timer that performs the counting. There are four instantiations of
the FRC block in each MTU, allowing eight counts to be performed in parallel. The 32-bit
counter in the FRC is split up into two 16-bit counters.
3.4.7
WDT
Watchdog Timer (WDT) provides a way of recovering from software crashes. The watchdog
clock is used to generate a regular interrupt (WDOGINT), depending on a programmed
value.
The watchdog monitors the interrupt and asserts a reset signal (WDOGRES) if the interrupt
remains unserviced for the entire programmed period. You can enable or disable the
watchdog unit as required.
Note:
Watchdog is stalled when the ARM processor is in Debug mode.
3.4.8
GPIO
The GPIO block provides twenty-one (21) programmable inputs or outputs. Each input or
output can be controlled in two modes:
software mode through an APB bus interface
alternate mode, where GPIO becomes a peripheral input or output line
Any GPIO input can be independently enabled or disabled (masked) for interrupt
generation. User can select for each GPIO which edge (rising, falling, both) will trigger an
interrupt.
3.4.9
ADC
10 bit SAR ADC operating at 1.8 V analog supply. It can convert up to 2 single ended
channels with analog input multiplexer at 500KSPS
3.4.10
RTC
This is an always-on power domain dedicated to RTC logic (backup system) with 32 Kbyte
SRAM and supplied with a dedicated voltage regulator.
The RTC provides a high resolution clock which can be used for GPS. It keeps the time
when the system is inactive and can be used to wake the system up when a programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com