Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090FG Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA8090FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090FG Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA8090FG Datasheet HTML 23Page - STMicroelectronics STA8090FG Datasheet HTML 24Page - STMicroelectronics STA8090FG Datasheet HTML 25Page - STMicroelectronics STA8090FG Datasheet HTML 26Page - STMicroelectronics STA8090FG Datasheet HTML 27Page - STMicroelectronics STA8090FG Datasheet HTML 28Page - STMicroelectronics STA8090FG Datasheet HTML 29Page - STMicroelectronics STA8090FG Datasheet HTML 30Page - STMicroelectronics STA8090FG Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
DS10719 Rev 6
27/41
STA8090FG
Electrical characteristics
40
4.7
DC characteristics
Table 17 specifies the SMPS voltage regulator characteristics.
Table 18 specifies the LDO1 voltage regulator characteristics.
VDDD
Power supply pins for the core logic.
1.00
1.10
1.32
V
VDDIO_R1
Digital supply voltage for I/O ring 1 (1.8 V)
1.71
1.80
1.89
V
Digital supply voltage for I/O ring 1 (3.3 V)
3.00
3.30
3.60
V
VDDIO_R2 Digital supply voltage for I/O ring 2 (3.3 V)
3.00
3.30
3.60
V
VINB
Backup LDO input supply voltage (1.6 V to 4.3 V)
1.60
4.30
V
VINL1
LDO1 input supply voltage to generate 1.1 V and 1.2 V
1.60
4.30
V
LDO1 input supply voltage to generate 1.8 V
2.10
4.30
V
VINL2
LDO2 input supply voltage to generate 1.2 V
1.60
4.30
V
VINM
SMPS coil input supply voltage to generate 1.1 V and
1.2 V
1.60
4.30
V
SMPS coil input supply voltage to generate 1.8 V
2.10
4.30
V
VDD_ANA SMPS input supply (1.6 V to 4.3 V)
1.60
4.30
V
TC
Operating temperature range
-40
85
°C
Table 16. Recommended DC operating conditions (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Table 17. SMPS DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOM
Output voltage (1.2 V)
1.6 V ≤ VINM ≤ 4.3 V;
IOM ≤ 100 mA
1.08
1.20
1.32
V
Output voltage (1.1 V)
1.6 V ≤ VINM ≤ 4.3 V;
IOM ≤ 100 mA
1.0
1.10
1.21
V
Output voltage (1.8 V)
2.1 V ≤ VINM ≤ 4.3 V;
IOM ≤ 100 mA
1.71
1.80
1.89
V
IOM
Output current
0
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com