Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090FG Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA8090FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090FG Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA8090FG Datasheet HTML 25Page - STMicroelectronics STA8090FG Datasheet HTML 26Page - STMicroelectronics STA8090FG Datasheet HTML 27Page - STMicroelectronics STA8090FG Datasheet HTML 28Page - STMicroelectronics STA8090FG Datasheet HTML 29Page - STMicroelectronics STA8090FG Datasheet HTML 30Page - STMicroelectronics STA8090FG Datasheet HTML 31Page - STMicroelectronics STA8090FG Datasheet HTML 32Page - STMicroelectronics STA8090FG Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DS10719 Rev 6
29/41
STA8090FG
Electrical characteristics
40
Table 22 lists the DC characteristics for the 1.0 V IO digital buffers input buffers: STBYn
(F8), STDBY_OUT (G7), WAKEUP0 (E8), WAKEUP1 (F7), PMU_CFG (G8) and RSTn (F9).
4.8
AC characteristics
4.8.1
RF electrical specifications
Table 21. I/O buffers DC characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
VIL(1)
1. Excludes oscillator inputs RTC_XTI and XTAL_IN. Refer to oscillator electrical specifications.
Logical input low level voltage
VDDIO = 1.8 V
-0.3
0.3 * VDDIO
V
VDDIO = 3.3V
-0.3
0.8
V
VIH(1)
Logical input high level
voltage
VDDIO = 1.8 V
0.7 * VDDIO
—VDDIO + 0.3
V
VDDIO = 3.3V
2.0
VDDIO + 0.3
V
VHYST(2)
2. Apply to all digital inputs unless specified otherwise.
Schmitt-trigger hysteresis
50
mV
VOL
Low level output voltage
VDDIO = 1.8 V
0.4
V
VDDIO = 3.3V
0.4
V
VOH
High level output voltage
VDDIO = 1.8 V
VDDIO - 0.4
V
VDDIO = 3.3V
VDDIO - 0.4
V
Table 22. 1.0 V I/O buffers DC characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Logical input low level voltage VOB = 1.0 V
-0.3
0.35 * VOB
V
VIH
Logical input high level voltage VOB = 1.0 V
0.65 * VOB
—VOB + 0.3
V
VOL
Low level output voltage
VOB = 1.0 V
0.2
V
VOH
High level output voltage
VOB = 1.0 V
VOB - 0.2
V
Table 23. RFACHAIN – GALGPS filter and VGA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
S11(1)
Input return loss
GPS band
-8
dB
fIF
IF frequency
PLL in default condition with
26Mhz as reference
—4.045
MHz
NF
Noise figure
NF overall chain with AGC set
at 0 dB
—2(1)
dB
CG
Conversion gain from
RF input to ADC input
VGA at max gain
119
dB
VGA at min gain
69
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com