Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090FG Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA8090FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090FG Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA8090FG Datasheet HTML 31Page - STMicroelectronics STA8090FG Datasheet HTML 32Page - STMicroelectronics STA8090FG Datasheet HTML 33Page - STMicroelectronics STA8090FG Datasheet HTML 34Page - STMicroelectronics STA8090FG Datasheet HTML 35Page - STMicroelectronics STA8090FG Datasheet HTML 36Page - STMicroelectronics STA8090FG Datasheet HTML 37Page - STMicroelectronics STA8090FG Datasheet HTML 38Page - STMicroelectronics STA8090FG Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
DS10719 Rev 6
35/41
STA8090FG
Electrical characteristics
40
4.8.5
Flash specifications
This section gives the AC specification of the embedded Flash in STA8090FG device.
Table 30. Flash specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
fC
Serial clock frequency
QPI mode - 4 read
instructions
—78
MHz
tSE
Sector erase cycle time
Size = 16 Mb
—
60
200
ms
Size = 32 Mb
—
35
200
ms
tBE32
Block erase (32 KB) cycle time
Size = 16 Mb
—
0.25
1
s
Block erase (32 KB) cycle time
Size = 32 Mb
—
0.2
1
s
tBE
Block erase (64 KB) cycle time
Size = 16 Mb
—
0.5
2
s
Block erase (64 KB) cycle time
Size = 32 Mb
—
0.35
2
s
tCE
Chip erase time
Size = 16 Mb
—
12.5
25
s
Size = 32 Mb
—
25
50
s
tPP
Page program cycle time
Size = 16 Mb
—
0.008 +
(n x 0.004)
3ms
Size = 32 Mb
—
0.008 +
(n x 0.004)
3ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com