Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090FG Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA8090FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090FG Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA8090FG Datasheet HTML 21Page - STMicroelectronics STA8090FG Datasheet HTML 22Page - STMicroelectronics STA8090FG Datasheet HTML 23Page - STMicroelectronics STA8090FG Datasheet HTML 24Page - STMicroelectronics STA8090FG Datasheet HTML 25Page - STMicroelectronics STA8090FG Datasheet HTML 26Page - STMicroelectronics STA8090FG Datasheet HTML 27Page - STMicroelectronics STA8090FG Datasheet HTML 28Page - STMicroelectronics STA8090FG Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DS10719 Rev 6
25/41
STA8090FG
Electrical characteristics
40
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
VINL2
LDO2 input supply voltage (1.6 V to 4.3 V)
-0.3
4.8
V
VINM
SMPS coil input supply (1.6 V to 4.3 V)
-0.3
4.8
V
VDD_ANA SMPS input supply (1.6 V to 4.3 V)
-0.3
4.8
V
VESD-HBM Electrostatic discharge, human body model(1).-2
2
kV
VESD-CDM Electrostatic discharge, charge device model(2).
-250
250
V
1. Balls sustaining only ±500 V are: A1, A2, A5, A6, A7, A8, A9, B1, B2, B9, C1, C2, D1, D2, D9, E1, E9, F1,
L7 and L8.
2. Ball L6 (LNA_IN) sustains only ±150 V.
Table 12. Voltage characteristics (continued)
Symbol
Parameter
Min.
Max.
Unit
Table 13. Thermal characteristics
Symbol
Parameter
Min.
Max.
Unit
Toper
Operative temperature range
-40
85
°C
Tj
Operative junction temperature
-40
125
°C
Tst
Storage temperature
-55
150
°C
Rj-amb
Thermal resistance junction to ambient(1)
1. According to JEDEC specification on a 2 layers board.
41
°C/W
Table 14. Frequency limits
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FCLK
Operating ARM9 CPU frequency V
DDD = 1.2 V;
TC = 85 °C(1)
1. Not tested in production.
——
196
MHz
FAHB
AHB frequency
49
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com