Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090FG Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA8090FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090FG Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA8090FG Datasheet HTML 22Page - STMicroelectronics STA8090FG Datasheet HTML 23Page - STMicroelectronics STA8090FG Datasheet HTML 24Page - STMicroelectronics STA8090FG Datasheet HTML 25Page - STMicroelectronics STA8090FG Datasheet HTML 26Page - STMicroelectronics STA8090FG Datasheet HTML 27Page - STMicroelectronics STA8090FG Datasheet HTML 28Page - STMicroelectronics STA8090FG Datasheet HTML 29Page - STMicroelectronics STA8090FG Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Electrical characteristics
STA8090FG
26/41
DS10719 Rev 6
4.6
Recommended DC operating conditions
Table 16 lists the functional recommended operating DC parameters for STA8090FG.
Table 15. Power consumption
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
PRF
RFIP power (total VINL2)
G2 = GPS/Galileo;
Tamb = 25 °C;
VINL2 = 1.8 V
—25
mW
G2 + GLONASS;
Tamb = 25 °C;
VINL2 = 1.8 V
—35
mW
G2 + COMPASS;
Beidou2
Tamb = 25 °C;
VINL2 = 1.8 V
—35
mW
PMVR(1)
1. Not tested in production.
Switchable area power;
(total VINL1)
fARM = 196 MHz;
fAHB = 49 MHz;
Tamb = 25 °C;
VINL1 = 1.8 V; UART
active; other peripherals
inactive
—90
mW
PLPVR(1)
Always ON area power
(total VINB)
fARM = 196 MHz;
fAHB = 49 MHz;
Tamb = 25 °C; VINB = 3.3 V
—1
mW
PIO(1)
IO rings power (total
VDDIO_R1 + VDDIO_R2)
fARM = 196 MHz;
fAHB = 49 MHz;
Tamb = 25 °C;
VINL1 = 1.8 V; UART
active; other peripherals
inactive
—4
mW
IDStandby
Standby mode supply
current
RTC
running = 32.768 KHz;
Tamb = 25 °C; VINB = 1.8 V
—29
—
µA
IDDeepStandby
Deep standby mode
supply current(2)
2. STDBY_OUT pin not supported in deep standby.
—7
—
µA
Table 16. Recommended DC operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC_CHAIN Analog supply voltage for RF chain (1.2 V)
1.08
1.20
1.32
V
VCC_PLL Analog supply voltage for PLL RF (1.2 V)
1.08
1.20
1.32
V
VCC_RF
Analog supply voltage for RF (1.2 V)
1.08
1.20
1.32
V
VDD_ADC Digital supply voltage for ADC (1.8 V)
1.71
1.80
1.89
V
VDD_SQI Flash power supply.
1.71
1.80
1.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com