Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 53 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 53 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 49Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 50Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 51Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 52Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 53Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 54Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 55Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 56Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 57Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
35
SECTION 11
Connection to the Machine Control Circuit
!WARNING This product is designed for use on a 24 VDC, negative ground (protective
earth) electrical system only. Never connect the MS4800 system to a positive
ground (protective earth) system. With a positive ground (protective earth)
wiring scheme, certain simultaneous shorts of both safety outputs may not be
detected and the guarded machine may not stop, resulting in severe operator
injury.
!WARNING Never use only a single safety output to control the machine. Should this sin-
gle output fail, the machine may not stop, resulting in severe operator injury.
The machine must be connected using both safety outputs.
The table below references Pin Numbers, Wire colors and signal names being
used with the MS4800 system for F39-JMR and F39-JMT cables:
The primary cables for the MS4800 system are industry standard non-
shielded cables with an M12 female connector. The receiver and transmitter
incorporate a 0,3 m pigtail with an M12 male connector.
We recommend to use the F39-JMR and F39-JMT cables to connect the
MS4800 system to the machine control system.
Receiver cable
Pin No. 1
Input power
Brown
+24VDC
Pin No. 2
Input power
Blue
GND
Pin No. 3
Input power
Green
Functional Earth
Pin No. 4
Output signal
White
OSSD2
Pin No. 5
Input signal
Yellow
Start
Pin No. 6
Input signal
Red
EDM
Pin No. 7
Output signal
Pink
Aux
Pin No. 8
Output signal
Black
OSSD1
Transmitter cable
Pin No. 1
Input power
Blue
GND
Pin No. 2
Input power
Brown
+24VDC
Pin No. 3
Input test
White
MTS
Pin No. 4
Input test
Black
MTS Return
Pin No. 5
Input power
Green
Functional Earth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com