Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 74 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 74 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 70Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 71Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 72Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 73Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 74Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 75Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 76Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 77Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 78Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
56
MS4800FS system data with 30 mm resolution
Section 15-7
1440 mm
1480 mm
1520 mm
1560 mm
1600 mm
1640 mm
A
1443,4
1481,8
1521,5
1563,3
1600,9
1641,3
B1
1579,4
1617,8
1657,5
1699,3
1736,9
1777,3
B2
1560,9
1599,3
1639,0
1680,8
1718,4
1758,8
C1
1540,7
1579,1
1618,8
1660,6
1698,2
1738,6
C2
1522,1
1560,5
1600,2
1642,0
1679,6
1720,0
D
1588,6
1627,0
1666,7
1708,5
1746,1
1786,5
E1
1524,8
1563,2
1602,9
1644,7
1682,3
1722,7
E2
1570,1
1608,5
1648,2
1690,0
1727,6
1768,0
Weight
6,80 kg
6,99 kg
7,17 kg
7,35 kg
7,53 kg
7,71 kg
Number of
Beams
72
74
76
78
80
82
1680 mm
1720 mm
1760 mm
1800 mm
1840 mm
1880 mm
A
1681,3
1720,8
1764,5
1802,9
1840,6
1880,3
B1
1817,3
1856,8
1896,5
1938,9
1976,6
2016,3
B2
1789,8
1838,3
1878,0
1920,4
1958,1
1997,8
C1
1778,6
1818,8
1857,8
1900,2
1937,9
1977,6
C2
1760,0
1799,5
1839,2
1881,6
1919,3
1959,0
D
1826,5
1866,0
1905,7
1948,1
1958,8
2025,5
E1
1762,7
1802,2
1841,9
1884,3
1922,0
1961,7
E2
1808,0
1847,5
1887,2
1929,6
1967,3
2007,0
Weight
7,89 kg
8,07 kg
8,26 kg
8,44 kg
8,62 kg
8,80 kg
Number of
Beams
84
86
88
90
92
94
1920 mm
1960 mm
2000 mm
2040 mm
2080 mm
2120 mm
A
1922,8
1960,4
2000,1
2042,6
2079,6
2117,7
B1
2058,8
2096,4
2136,1
2178,6
2215,6
2253,7
B2
2040,3
2077,9
2117,6
2160,1
2197,1
2235,2
C1
2020,1
2057,7
2097,4
2139,9
2176,9
2215,0
C2
2001,5
2039,1
2078,8
221,3
2158,3
1^96,4
D
2068,0
2105,6
2145,3
2187,8
2224,8
2262,9
E1
2004,2
2041,8
2081,5
2124,0
2161,0
2199,1
E2
2049,5
2087,1
2126,8
2169,3
2206,3
2244,4
Weight
8,98 kg
9,16 kg
9,34 kg
9,53 kg
9,71 kg
9,89 kg
Number of
Beams
96
98
100
102
104
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com