Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 72 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 72 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 68Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 69Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 70Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 71Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 72Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 73Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 74Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 75Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 76Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
54
MS4800FS system data with 30 mm resolution
Section 15-7
15-7 MS4800FS system data with 30 mm resolution
* This size is not available for Master or Standalone models.
1200 mm
1240 mm
1280 mm
1320 mm
1360 mm
1400 mm
A
1203,8
1242,1
1281,8
1323,6
1361,0
1401,7
B1
1339,8
1378,1
1417,8
1459,6
1497,0
1537,7
B2
1321,3
1359,6
1399,3
1441,1
1478,5
1519,2
C1
1301,1
1339,4
1379,1
1420,9
1458,3
1499,0
C2
1282,5
1320,8
1360,5
1402,3
1439,7
1480,4
D
1349,0
1387,3
1427,0
1468,8
1506,2
1546,9
E1
1285,2
1323,5
1363,2
1405,0
1442,4
1483,1
E2
1330,5
1368,8
1408,5
1450,3
1487,7
1528,4
Weight
5,72 kg
5,94 kg
6,08 kg
6,26 kg
6,44 kg
6,62 kg
Number of
Beams
120
124
128
132
136
140
1440 mm
1480 mm
1520 mm
1560 mm
1600 mm
1640 mm
A
1443,4
1481,8
1521,5
1563,3
1600,9
1641,3
B1
1579,4
1617,8
1657,5
1699,3
1736,9
1777,3
B2
1560,9
1599,3
1639,0
1680,8
1718,4
1758,8
C1
1540,7
1579,1
1618,8
1660,6
1698,2
1738,6
C2
1522,1
1560,5
1600,2
1642,0
1679,6
1720,0
D
1588,6
1627,0
1666,7
1708,5
1746,1
1786,5
E1
1524,8
1563,2
1602,9
1644,7
1682,3
1722,7
E2
1570,1
1608,5
1648,2
1690,0
1727,6
1768,0
Weight
6,80 kg
6,99 kg
7,17 kg
7,35 kg
7,53 kg
7,71 kg
Number of
Beams
144
148
152
156
160
164
1680 mm
1720 mm
1760 mm
1800 mm
A
1681,3
1720,8
1764,5
1802,9
B1
1817,3
1856,8
1896,5
1938,9
B2
1789,8
1838,3
1878,0
1920,4
C1
1778,6
1818,8
1857,8
1900,2
C2
1760,0
1799,5
1839,2
1881,6
D
1826,5
1866,0
1905,7
1948,1
E1
1762,7
1802,2
1841,9
1884,3
E2
1808,0
1847,5
1887,2
1929,6
Weight
7,89 kg
8,07 kg
8,26 kg
8,44 kg
Number of
Beams
168
172
176
180
240 mm*
280 mm
320 mm
360 mm
400 mm
440 mm
A
244,6
284,4
324,8
364,5
404,2
443,9
B1
380,6
420,4
460,8
500,5
540,2
579,9
B2
362,1
401,9
442,3
482,0
521,7
561,4
C1
341,9
381,7
422,1
461,8
501,5
541,2
C2
323,3
363,1
403,5
443,2
482,9
522,6
D
389,8
429,6
470,0
509,7
549,4
589,1
E1
326,0
365,8
401,4
445,9
481,4
525,3
E2
371,3
411,1
451,5
491,2
530,9
570,6
Weight
1,55 kg
1,68 kg
1,81 kg
1,95 kg
2,13 kg
2,40 kg
Number of
Beams
12
14
16
18
20
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com