Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 63 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 63 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 59Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 60Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 61Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 62Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 63Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 64Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 65Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 66Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 67Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
45
SECTION 15
Specifications and additional information
15-1 System Specification
Performance
Protective height
240 mm - 1800 mm (14 mm resolution)
280 mm - 2120 mm (30 mm resolution)
Object Resolution
14 mm and 30 mm
Operating Range
0.3 m - 7 m (14 mm resolution), DIP SW 6 option
0.3 m - 3 m (14 mm resolution), default
0.3 m - 20 m (30 mm resolution), DIP SW 6 option
0.3 m - 8 m (30 mm resolution), default
Effective Aperture Angle
±2,5° maximum, transmitter and receiver according to
IEC61496-2 (2006)
Safety Output (OSSDs)
Two PNP safety outputs, each output sourcing
625 mA @ 24 VDC.
Short circuit protection
Response Time
Maximum: 59 ms
See table below for more details
Auxiliary Output
(non safety)
One PNP output sourcing 100 mA @ 24 VDC. This out-
put follows the OSSDs.
EDM - Monitor Input
50 mA @ 24 VDC
Start/Restart Input
10 mA @ 24 VDC, Normally open input
Light Source
Infrared Emitting LEDs,
Wavelength 880 nm
Power Dissipation: 180 mW
Class 1 per EN60825-1
Transmitter Indicator Lights ACTIVE (Yellow)
Receiver Indicator Lights
MACHINE RUN/STOP (Green/Red)
INTERLOCK/ALARM (Yellow)
BLANKING (Amber)
Mechanical
Housing Material
Polyurethane powder painted aluminum
Front Window Material
Acrylic, Red
End Cap Material
Polycarbonate
Mounting Bracket Material
Cold rolled Steel
Wiring connections
M12-connectors;
8-pin receiver and 5-pin transmitter
Weight
See table for more details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com