Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 93 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 93 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 89Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 90Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 91Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 92Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 93Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 94Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 95Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 96Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 97Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 98 page
background image
75
Receiver Error Codes
Section 17-5
Cascaded Sys-
tem Fault
80
Configuration Error
Please contact your local Omron distributor
or the European Repair Center
81
Second segment or mute module error
Check all cable connections. Please contact
your local Omron distributor or the Euro-
pean Repair Center
82
Third segment or mute module error
Check all cable connections. Please contact
your local Omron distributor or the Euro-
pean Repair Center
83
Fourth segment or mute module error
Check all cable connections. Please contact
your local Omron distributor or the Euro-
pean Repair Center
84
Mute module error
Check all cable connections to mute mod-
ule. Please contact your local Omron dis-
tributor or the European Repair Center
85
Configuration error
Please contact your local Omron distributor
or the European Repair Center
86
Second segment or mute module firmware
not compatible with first segment
Replace with compatible component or
return system to Omron distributor or Euro-
pean Repair Center
87
Third segment or mute module firmware not
compatible with first segment
Replace with compatible component or
return system to Omron distributor or Euro-
pean Repair Center
88
Fourth segment or mute module firmware
not compatible with first segment
Replace with compatible component or
return system to Omron distributor or Euro-
pean Repair Center
89
Mute module firmware not compatible with
first segment
Replace with compatible component or
return system to Omron distributor or Euro-
pean Repair Center
90
Incorrect segment type in position two,
three or four
Confirm that all segments are of the same
type; either all transmitters or receivers
91
Segment 2 type does not match segment 1
type
Confirm that segment 2 is the same type
(transmitter or receiver) as segment 1
92
Segment 3 type does not match segment 1
type
Confirm that segment 3 is the same type
(transmitter or receiver) as segment 1
93
Segment 4 type does not match segment 1
type
Confirm that segment 4 is the same type
(transmitter or receiver) as segment 1
95
Error in flex segment or muting module dur-
ing operation
Check all flex connections, segments and
muting modules
96
Error in segment 2 during operation
Check connections to segment 2. Replace
segment 2 with known good segment 2.
Please contact your local Omron distributor
or the European Repair Center
97
Error in segment 3 during operation
Check connections to segment 3. Replace
segment 3 with known good segment 3.
Please contact your local Omron distributor
or the European Repair Center
98
Error in segment 4 during operation
Check connections to segment 4. Replace
segment 4 with known good segment 4.
Please contact your local Omron distributor
or the European Repair Center
100
Number of segments in system has been
reduced (changed)
Segment count is less than original configu-
ration. Add required segment(s) or program
system for current configuration
101
Too many flex nodes or muting modules in
the flex bus
Make sure of total of 4 segments with only
one muting module.
Code Group
Error Code
Description of Error Code
Corrective Action Needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com