Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 87 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 87 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 83Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 84Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 85Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 86Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 87Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 88Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 89Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 90Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 91Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
69
Accessories
Section 15-9
15-9-5 Explosion Proof Kit for MS4800
Designed for use in explosive environments, the MS4800-EPKT kit consists
of a transmitter and receiver housing. The explosion proof kit for MS4800 is
available in 4 sizes:
System complies:
EN50014 (1997) incl. A1-A2 (1997)
EN50018 (2000) incl. A1 (2002)
EN50281-1-1 (1998) incl. A1 (2002)
UL certificate with US and Canadian directives
15-9-6 IP67-Enclosure for MS4800 (standalone)
Please use the following coding to order the IP67-enclosures:
MS4800-IP67-XXXX where XXXX is the length of the protection field.
15-9-7 Welding protection shield (Sputter protection)
Please use the following coding to order the welding protection shield (Lexan
front window):
MS4800-WS-XXXX where XXXX is the length of the protection field.
15-9-8 Shock Mounting Kits
These kits are used to isolate light curtain receivers and transmitters from
possible source of vibration. They can also be used to shockmount control-
lers/power supplies and mirrors. Each kit consists of eight mounting parts.
Shock Mounting Kit for:
– Weight Class 2 (sensor length from 280-960 mm): 42591 SHMS-18
– Weight Class 3 (sensor length from 1000-1400 mm): 41768 SHP4-18
– Weight Class 4 (sensor length from 1440-2120 mm): 41768 SHP4-18
15-9-8-1
Mounting Kit
MS4800-MKT2, Head Mounting Kit for the alignment of the MS_800 light
curtain.
MS4800-EPKT-0320 Explosion proof housing for
MS4800-014-0320
MS4800-030-0320
MS4800-EPKT-0640 Explosion proof housing for
MS4800-030-0640
MS4800-EPKT-0960 Explosion proof housing for
MS4800-030-0960
MS 4800-EPKT-1240 Explosion proof housing for
MS4800-030-1240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com