Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 65 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 65 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 61Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 62Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 63Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 64Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 65Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 66Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 67Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 68Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 69Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
47
System Specification
Section 15-1
Response time of MS4800 system
One segment system
Two segment system
Minimum
number of
beams
Maximum
number of
beams
Response
Time
Minimum
number of
beams
Maximum
number of
beams
Response
Time
0
16
14 ms
0
65
23 ms
17
71
23 ms
66
120
32 ms
72
126
32 ms
121
174
41 ms
127
180
41 ms
175
229
50 ms
181
235
50 ms
230
256
59 ms
236
256
59 ms
Three segment system
Four segment system
Minimum
number of
beams
Maximum
number of
beams
Response
Time
Minimum
number of
beams
Maximum
number of
beams
Response
Time
0
59
23 ms
0
53
23 ms
60
114
32 ms
54
108
32 ms
115
168
41 ms
109
162
41 ms
169
223
50 ms
163
217
50 ms
224
256
59 ms
218
256
59 ms
Conformity
AOPD(ESPE)
Type 4 acc. to EN/IEC 61496-1 (2004)
and EN/IEC 61496-2 (2006)
Safety category
MS4800E system is suitable for safety control systems
up to Category 4 acc. EN954-1 (1996)
Safety Integrity Level
MS4800E system is suitable for up to SIL 3 per
IEC 61508
PFH
3,5 * 10-08
Proof test interval
Every 2 years (based on max. number of channels in a
4 segment system including muting system)
Mean time to dangerous
failure (MTTFd)
51 years
Performance level
MS4800 system is suitable for safety control systems up
to Performance level e acc. EN ISO 13849-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com