Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 89 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 89 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 85Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 86Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 87Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 88Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 89Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 90Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 91Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 92Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 93Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
71
SECTION 16
Glossary
Automatic Start
Upon completion of power-up, the ESPE will enter the MACHINE RUN state
as soon as the detection zone is clear of opaque objects of the specified
size.
Detection Zone
The IR light sensing area of the ESPE. When a specified test piece enters
this area then the ESPE must detect its presence and set its safety outputs
to the OFF-state.
Electro-Sensitive
Protective Equipment
(ESPE)
An assembly of devices and/or components working together for protective
tripping or presence sensing purposes and comprising as a minimum:
• a sensing device
• controlling/monitoring devices
• output signal switching devices
LOCKOUT condition
When the ESPE detects a fault, it transitions to this state. The OSSD will be
held to the OFF-state and the ESPE will not attempt to leave this state with-
out performing a comprehensive power up self-test. A power-up self test will
be initiated by either cycling the ESPE power or by a Start signal transition.
MACHINE RUN
When the ESPE is in this state, the two OSSD are both active. In this state
the Green MACHINE RUN LED is on, the red MACHINE STOP LED is off
and the Yellow INTERLOCK LED is off.
MACHINE STOP
When the ESPE is in this state, the two OSSD are both inactive. In this state
the Green MACHINE RUN LED is off, the Red MACHINE STOP LED is on.
OFF-STATE
The state in which the output circuit is interrupted and does not permit the
flow of current.
ON-STATE
The state in which the output circuit is completed and permits the flow of cur-
rent.
Output Signal
Switching Device (OSSD)
The safety output of the ESPE that is used to enable and disable the
guarded machine.
Response Time
The maximum amount of time required for the ESPE to set its OSSD outputs
to the OFF-state once the detection zone is blocked by an opaque object of
the specified size.
Start INTERLOCK
Upon completion of power-up, the ESPE must go to the "INTERLOCK" state.
A Start signal transition must occur before going to MACHINE RUN for the
first time. Once the first Start condition has been met, the ESPE will operate
in the Automatic Start mode.
Start/Restart INTERLOCK
The ESPE will go into the INTERLOCK state upon completion of power-up
and during zone violations which causes a transition to the MACHINE STOP
state. A Start signal transition must occur before returning to MACHINE RUN
following any transition to MACHINE STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com