Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-2-R Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-2-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 40Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 41Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 42Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 43Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 44Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 45Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 46Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 47Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
26
Safety distance for safeguarding danger points
Section 9-1
9-1-1
Calculation example for systems with a resolution of <40 mm
Formula according to EN999:
S = (K x T) + C
Where S =
minimum distance in millimeters from the danger zone to the
detection point, line, plane or zone. If the result of the calcula-
tion is less than 100 mm, a distance of at least 100 mm must
still be maintained.
K =
Approach speed in mm/s. In the close area of 500 mm, the
speed is calculated at 2000 mm/s. If the distance is greater
than 500 mm, K can be calculated as 1600 mm/s. In this
case, however, a minimum of 500 mm applies for the safety
distance.
T =
the overall system stopping performance in seconds
T = t1 + t2 + t3
t1 =
response time of the safety light curtain in seconds,
given in the table in chapter 16.
t2 =
response time of the safety interface tsi, if any.
t3 =
maximum stopping time of the machine tm in
seconds.
Please refer to the technical information of the safety
Interface and the machine for the response time and stopping
time details.
C =
8 x (d-14 mm), but not less than zero.
d =
minimum object resolution of the MS4800 system in
millimeters, therefore:
S =
(2000 mm/s x T) + 8 x (d-14 mm)
This formula applies for all minimum distances of S up to and
including 500 mm. The minimum value of S shall not be less
than 100 mm.
If S is found to be greater than 500 mm using the formula
above, then the formula below can be used. In this case the
minimum value of S shall not be less than 500 mm.
S =
(1600 mm/s x T) + 8 x (d-14 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com