Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 42Page - STMicroelectronics L9945TR Datasheet HTML 43Page - STMicroelectronics L9945TR Datasheet HTML 44Page - STMicroelectronics L9945TR Datasheet HTML 45Page - STMicroelectronics L9945TR Datasheet HTML 46Page - STMicroelectronics L9945TR Datasheet HTML 47Page - STMicroelectronics L9945TR Datasheet HTML 48Page - STMicroelectronics L9945TR Datasheet HTML 49Page - STMicroelectronics L9945TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 151 page
background image
5.10.1
COMMAND X frame partitioning
COMMAND 0
Frame partitioning
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
C
Description
Spread spectrum and diagnostic enable,OUT1-8 control, input selection and protection disable
[31:28] C: Command 0
0000
[27] R/W: Bit to read/write configuration
0: Write & request read
1: Request read only
[26] SPREAD_SPECTRUM: Activates or deactivates the spread spectrum functionality
0: Deactivated
1: Activated
[25] ENABLE_DIAGNOSTIC: Enables or disables the diagnostics for all outputs. When set to "0" diagnostics for all outputs is "No
diagnostic done".
0: Diagnostic disable
1: Diagnostic enable
[24] SPI_INPUT_SEL_08: Driving mode selection bit (output driven by SPI or NON)
0: Output controlled via NONx
1: Output controlled via SPI
[23] SPI_INPUT_SEL_07: Driving mode selection bit (output driven by SPI or NON)
0: Output controlled via NONx
1: Output controlled via SPI
[22] SPI_INPUT_SEL_06: Driving mode selection bit (output driven by SPI or NON)
0: Output controlled via NONx
1: Output controlled via SPI
[21] SPI_INPUT_SEL_05: Driving mode selection bit (output driven by SPI or NON)
0: Output controlled via NONx
1: Output controlled via SPI
[20] SPI_INPUT_SEL_04: Driving mode selection bit (output driven by SPI or NON)
0: Output controlled via NONx
1: Output controlled via SPI
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 46/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com