Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 19Page - STMicroelectronics L9945TR Datasheet HTML 20Page - STMicroelectronics L9945TR Datasheet HTML 21Page - STMicroelectronics L9945TR Datasheet HTML 22Page - STMicroelectronics L9945TR Datasheet HTML 23Page - STMicroelectronics L9945TR Datasheet HTML 24Page - STMicroelectronics L9945TR Datasheet HTML 25Page - STMicroelectronics L9945TR Datasheet HTML 26Page - STMicroelectronics L9945TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 151 page
background image
Note:
Tj = Tj_op; VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V,
unless otherwise noted.
Table 12. SDO pin electrical characteristics
Symbol
Parameter
Test condition
Min.
Max.
Unit
tsdo_trans
SDO Rise and Fall time
CLOAD = 20 to 150 pF
5
35
ns
tpcld
Propagation delay – incl. Rise/Fall time
(SCLK to data at SDO active)
CLOAD = 150 pF
-
50
ns
tcsdv
NCS = LOW to output SDO active
CLOAD = 150 pF
-
90
ns
tpchdz
NCS L/H to SDO @ high impedance
-
-
75
ns
CIN_SPI
Input capacitance at SDI; SDO; SCLK;
NCS
-
-
10
pF
VSDOH
High output level
ISDO = -2 mA
VIO - 0.4 V
-
V
VSDOL
Low output level
ISDO = 3.2 mA
0.4
V
ISDO_Leak
Tri state leakage current
NCS = HIGH;
0 < VSDO < VIO – 0.3 V
-5
5
µA
NCS = HIGH;
VSDO = VIO – 0.3 V
-5
15
µA
NCS = HIGH;
VSDO = VIO
2
30
µA
VOV_SDO
Over voltage detection threshold at SDO
output (for reverse supply protection)
Prevent output from damage; avoid back supply to
VIO; no hysteresis required
VIO + 0.05 VIO + 0.2
V
tOV_SDO_fil
Overvoltage detection analog filter time
-
100
700
ns
tOFF_PROT_OV
Overvoltage detection HS turn OFF/ON
time at SDO.
Includes analog filter time and comparator reaction
time until 50% IOVpeak_SDO_HS
0.5
5
μs
IOVpeak_SDO_HS
Maximum possible peak reverse current
at SDO HS before protection Turn Off
VSDO = 36 V; VIO = 3 V; limited by RDSON only;
HS channel On
90
250
mA
Note:
The SDO pin electrical characteristics are also reported in the SPI table. SDO PCB trace must be routed
carefully in order avoid spikes on SDO pin, which may generate an overvoltage failure. A pull-down resistor in
the [10 - 47] kΩ range on SDO pin is also recommended.
5.3
Reset
The device is reset by the following two events:
Power On Reset (POR)
•
0 ≤ VDD5 ≤ VPOR:
–
Logic is reset;
–
Outputs are in three-state, diagnostics regulators for open load detection are OFF;
–
No violation of leakage current requirements;
–
Charge pump is disabled.
L9945
Reset
DS12275 - Rev 8
page 23/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com