Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 32Page - STMicroelectronics L9945TR Datasheet HTML 33Page - STMicroelectronics L9945TR Datasheet HTML 34Page - STMicroelectronics L9945TR Datasheet HTML 35Page - STMicroelectronics L9945TR Datasheet HTML 36Page - STMicroelectronics L9945TR Datasheet HTML 37Page - STMicroelectronics L9945TR Datasheet HTML 38Page - STMicroelectronics L9945TR Datasheet HTML 39Page - STMicroelectronics L9945TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 151 page
background image
Table 22. tOFF selection
HBx_toff [1-0]
Min tOFF value
Typical tOFF value
Max tOFF value
Unit
00
28
31
34
µs
01
42
48
52
µs
10
56
62.5
70
µs
11
110
125
140
µs
5.5.7
H-Bridge OFF state diagnostic timings
The device offers the possibility to select the OFF state diagnostic filter times tDIAG among two different strategies,
selectable via HBx_tdiag_ext_config bit (refer to Table 23):
•
When HBx_tdiag_ext_config = 0, the diagnostic filter time tDIAG selected for CH1 (CH5) is automatically
extended to all channels member of the bridge;
•
When HBx_tdiag_ext_config = 1, the diagnostic filter time tDIAG must be set individually for each channel
member of the bridge.
Regardless of the strategy selected, the tDIAG filter time can be programmed via tdiag_config_xx bit.
Table 23. OFF state diagnostic timings for H-Bridge
Symbol
tdiag_config_xx
Parameter
Min.
Typ.
Max.
Unit
Comment
THB_diag_1
00
H-Bridge Diag Time 1
10
11.2
12.4
µs
HBx_tdiag_ext_config = 0
(all channels set as CH1/CH5)
THB_diag_2
01
H-Bridge Diag Time 2
26
28.9
31.8
µs
THB_diag_3
10
H-Bridge Diag Time 3
36
40
44
µs
THB_diag_4
11
H-Bridge Diag Time 4
46
51.2
56.4
µs
TDIAG_HB_100
00
H-Bridge Diag Time 1
23
25.6
28.2
µs
HBx_tdiag_ext_config = 1
(channels to be set individually)
TDIAG_HB_101
01
H-Bridge Diag Time 2
55
61.2
67.4
µs
TDIAG_HB_110
10
H-Bridge Diag Time 3
95
105.6
116.2
µs
TDIAG_HB_111
11
H-Bridge Diag Time 4
135
150
165
µs
5.6
Peak & Hold
The pre-drivers can be configured into two independent peak & hold blocks. In this configuration Channels 1,4 are
used for Peak & Hold 1, while Channels 2,3 are used for Peak & Hold 2.
The device can handle up to two Peak & Hold branches. There are two possible configurations which can co-
exist:
•
Peak & Hold 1: it involves channels 1 (HS) and 4 (LS) and can be activated by setting PH1_config = 1;
•
Peak & Hold 2: it involves channels 2 (HS) and 3 (LS) and can be activated by setting PH2_config = 1.
Configurations above are automatically applied once the PHx_config bit is set.
The N_P_config_xx bit set the MOSFET type (NMOS, PMOS) used in the Peak & Hold high-side.
5.6.1
Peak & Hold driving mode
All channels involved in the peak & hold configuration can be driven independently either via the corresponding
NONx pin or via SPI, depending on SPI_INPUT_SEL_xx bit. An external microcontroller shall close the control
loop in order to guarantee the desired current profile in the load. The device does not feature any internal current
control capability while in peak & hold configuration.
L9945
Peak & Hold
DS12275 - Rev 8
page 36/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com