Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 5 Page - STMicroelectronics

  L9945TR Datasheet HTML 1Page - STMicroelectronics L9945TR Datasheet HTML 2Page - STMicroelectronics L9945TR Datasheet HTML 3Page - STMicroelectronics L9945TR Datasheet HTML 4Page - STMicroelectronics L9945TR Datasheet HTML 5Page - STMicroelectronics L9945TR Datasheet HTML 6Page - STMicroelectronics L9945TR Datasheet HTML 7Page - STMicroelectronics L9945TR Datasheet HTML 8Page - STMicroelectronics L9945TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 151 page
background image
Figure 3. Example of High-Side configuration with PMOS on channel 5
Note: the freewheeling diode is needed only in case of inductive load.
BATT56
HS PMOS
GNSP5
GND
VBATT
OUT5
GND
GND
GND
SNGP5
DRN5
RG
RPU
CBATT
RSH
CM
RM
GADG2302171301PS
DFW
CESD
PGND56
The picture below shows an example of Low-Side configuration with NMOS transistor on channel 3. Refer to this
schematic in order to understand how the external FET must be mounted with respect to the DRNx/GNSPx/
SNGPx/PGNDx pins.
Figure 4. Example of Low-Side configuration with NMOS on channel 3
GADG2302170929PS
BATT34
LS NMOS
DRN3
VBATT
GNSP3
SNGP3
RG
RPD
CM
RM
RSH
GND
GND
DFW
CESD
PGND34
Note: the freewheeling diode is needed only in case of inductive load.
L9945
High-Side / Low-Side, with configurable FET type (N channel or P channel)
DS12275 - Rev 8
page 5/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com