Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 21Page - STMicroelectronics L9945TR Datasheet HTML 22Page - STMicroelectronics L9945TR Datasheet HTML 23Page - STMicroelectronics L9945TR Datasheet HTML 24Page - STMicroelectronics L9945TR Datasheet HTML 25Page - STMicroelectronics L9945TR Datasheet HTML 26Page - STMicroelectronics L9945TR Datasheet HTML 27Page - STMicroelectronics L9945TR Datasheet HTML 28Page - STMicroelectronics L9945TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 151 page
background image
•
SPI_input_sel_xx = 1: control via SPI_ON_OUTxx bit
–
The SPI_ON_OUTxx bit are positive asserted, meaning that the output is ON when the input is high
and vice-versa
The table below summarizes output behavior depending on control strategy and control input.
Table 13. Output status depending on control strategy and control input
SPI_input_sel_xx
NONx
SPI_ON_OUTxx
External FET status
0
0
X(1)
ON
0
1
X
OFF
1
X
0
OFF
1
X
1
ON
1. All “X” = don't care.
5.4.4
Gate charge/discharge currents
During normal operation external FET is actively switched ON/OFF by means of a pull up/pull down current
source, as shown in Figure 12.
Figure 12. Output pre-driver control
CM
IPU
IPD
CM
IPU
IPD
VGBHI
NFET ou
Ratings: CM = 50 V for 12 V systems, 100 V for 24 V systems.
tput control
NONx = 0
or
SPI_ON_OUTxx = 1
NONx = 1
or
SPI_ON_OUTxx = 0
To load
or
battery
To load
or
ground
To load
VPS
RPU
NONx = 1
or
SPI_ON_OUTxx = 0
NONx = 0
or
SPI_ON_OUTxx = 1
PFET output control
RG
RG
GADG2702171056PS
The pull up/pull down currents can be programmed via SPI through the GCC_config_xx bit, as shown in the table
below:
Table 14. Selection of gate charge/discharge currents
GCC_config_xx
IPU / IPD [mA]
00
Limited by external resistor (RG)
Internally clamped to ICh0Gx/IDCh0Gx
01
20
10
5
11
1
L9945
Output pre-drivers
DS12275 - Rev 8
page 25/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com