Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 20Page - STMicroelectronics L9945TR Datasheet HTML 21Page - STMicroelectronics L9945TR Datasheet HTML 22Page - STMicroelectronics L9945TR Datasheet HTML 23Page - STMicroelectronics L9945TR Datasheet HTML 24Page - STMicroelectronics L9945TR Datasheet HTML 25Page - STMicroelectronics L9945TR Datasheet HTML 26Page - STMicroelectronics L9945TR Datasheet HTML 27Page - STMicroelectronics L9945TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 151 page
background image
•
VPOR ≤ VDD5 ≤ 4.5 V:
–
SPI functional (if VIO is stable);
–
Internal oscillator is functional and the logic is working correctly;
–
The outputs can switch according to the control;
–
Regulators for open load detection may provide wrong diagnostic;
–
Overcurrent shutdown is active but thresholds may be inaccurate.
NRES assertion:
•
NRES input is active low;
•
It is typically connected to the VDD5 reset of the ECU power supply;
•
NRES is internally pulled up: in case of NRES pin left unconnected, NRES is inactive;
•
Open load failure detection is inactive during NRES assertion;
•
Charge pump is disabled while NRES is asserted.
Both POR and NRES events are latched and readable via SPI:
•
After POR, the n_POR_LATCH is set and can be cleared via SPI readout;
•
When NRES is active, NRES_LATCH is set and can be cleared via SPI readout.
The two reset events are ORed, so that full functionality is achieved only when both POR and NRES are
released.
The default configuration for the outputs after reset is Low-Side with NFET. Channels are three-stated until the
output is enabled through the en_OUT_xx bit.
After configuration and enable, all outputs follow the control signal as long as reset (NRES, POR) is not active. In
case of a reset all outputs will be immediately disabled and all diagnostic and protection information will be lost.
5.4
Output pre-drivers
This paragraph contains the available configurations for the output pre-drivers. Enable and control strategies are
explained. Output diagnostic is also explained, along with other useful application information.
5.4.1
Available configurations
There are eight pre-driver channels. Each channel can be independently configured in three different ways, via
SPI configuration commands:
•
Low-Side with NFET;
•
High-Side with NFET;
•
High-Side with PFET.
Channel side is programmed through LS_HS_config_xx bit, while FET type is selected through N_P_config_xx
bit. Refer to Section 2 Applications in order to understand how the external FET must be mounted with respect
to device pins. Complex configurations for H-Bridge and Peak & Hold are presented in their respective section.
5.4.2
Default configuration and output enable
After reset channels are configured as Low-Side with NFET by default. Outputs are in three-state until they are
configured and enabled through the en_OUT_xx bit.
Channel 6 has an additional enable control via the EN6 input: EN6 is in logical AND with en_OUT_06 bit,
meaning that both signals have to be set high in order to enable the output driver. This feature makes it suitable
for safety relevant load control. EN6 status can be monitored reading EN6_STATE bit via SPI. If channel 6 has
been disabled setting EN6 low, the event is latched in EN6_LATCH, cleared on SPI readout.
5.4.3
Output control
The outputs can be controlled ON and OFF via SPI bit SPI_ON_OUTxx or input pins NONx. The selection of the
control signal is independent for each channel and is programmed via the SPI_input_sel_xx bit:
•
SPI_input_sel_xx = 0: control via NONx input
–
The NONx inputs are active low, meaning that the output is ON when the input is low and vice-versa
L9945
Output pre-drivers
DS12275 - Rev 8
page 24/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com