Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 4 Page - STMicroelectronics

  L9945TR Datasheet HTML 1Page - STMicroelectronics L9945TR Datasheet HTML 2Page - STMicroelectronics L9945TR Datasheet HTML 3Page - STMicroelectronics L9945TR Datasheet HTML 4Page - STMicroelectronics L9945TR Datasheet HTML 5Page - STMicroelectronics L9945TR Datasheet HTML 6Page - STMicroelectronics L9945TR Datasheet HTML 7Page - STMicroelectronics L9945TR Datasheet HTML 8Page - STMicroelectronics L9945TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 151 page
background image
2
Applications
The device offers three different configuration options for the output channels: High-Side/Low-Side, Peak & Hold
and H-Bridge. P&H configuration requires 2 or 4 channels, while H-Bridge requires 4 or 8 channels. Channels not
used in P&H or H-Bridge are available for HS/LS usage. All the configurations involving channel 6 require the
output driver 6 to be enabled through the EN6 input.
2.1
High-Side / Low-Side, with configurable FET type (N channel or P channel)
Each channel features a dedicated SPI register where the user can specify:
•
MOS side: High-Side or Low-Side, through the LS_HS_config_xx bit;
•
MOS type: NMOS or PMOS, through the N_P_config_xx bit;
–
PMOS type is available only for High-Side.
The picture below shows an example of High-Side configuration with NMOS transistor on channel 1. Refer to this
schematic in order to understand how the external FET must be mounted with respect to the DRNx/GNSPx/
SNGPx/BATTx pins.
Figure 2. Example of High-Side configuration with NMOS on channel 1
GADG2302171549PS
Note: the freewheeling diode is needed only in case of inductive load.
BATT12
HS NMOS
DRN1
GND
VBATT
OUT1
GND
GND
GND
GNSP1
SNGP1
RG
RPD
CM
C
DFW
ESD
CBATT
RM
RSH
PGND12
The following picture shows an example of High-Side configuration with PMOS transistor on channel 5. Refer to
this schematic in order to understand how the external FET must be mounted with respect to the DRNx/GNSPx/
SNGPx/BATTx pins.
L9945
Applications
DS12275 - Rev 8
page 4/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com