Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 23Page - STMicroelectronics L9945TR Datasheet HTML 24Page - STMicroelectronics L9945TR Datasheet HTML 25Page - STMicroelectronics L9945TR Datasheet HTML 26Page - STMicroelectronics L9945TR Datasheet HTML 27Page - STMicroelectronics L9945TR Datasheet HTML 28Page - STMicroelectronics L9945TR Datasheet HTML 29Page - STMicroelectronics L9945TR Datasheet HTML 30Page - STMicroelectronics L9945TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 151 page
background image
Figure 14. Clamping for LS configuration
To load
To PGND
CM
IPU
IPD
VGBHI
Internal
clamping
RG
Control
signal
Control
signal
Device side
Board side
LS NFET
GNSPxx
SNGPxx
DRNxx
External
clamping
VBATT
GADG2702171519PS
Figure 14 shows the recommended clamping solutions for the LS configuration. Voltage on the DRNx pin has to
be limited to prevent component damage. A suppressor circuit can be used to clamp the voltage on DRNx pin
(AMR is 60 V). For the freewheeling of inductive loads:
•
A Zener feedback to the gate can be a solution to allow active freewheeling;
•
A diode on DRNx pin can be used to allow passive freewheeling towards battery.
5.4.6
Electrical characteristics
The table below lists the electrical characteristics for the output pre-drivers.
Note:
Tj = Tj_op; VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V,
unless otherwise noted. A current flowing out of L9945 has minus (-) sign; a current flowing into L9945 has plus
(+) sign. Charge currents turn ON the NMOS and OFF the PMOS. Discharge currents turn OFF the NMOS and
ON the PMOS.
Table 15. Output pre-driver stages electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
VGNSP -VSNGP Gate Output voltage (Reversed for PMOS)
-
10
-
14
V
ICh3Gx
Gate charge current NMOS
GCC[1:0] = [1, 1]
-1.88
-
-1.1
mA
Gate charge current PMOS
-1.85
-
-0.55 mA
ICh2Gx
Gate charge current NMOS and PMOS
GCC[1:0] = [1, 0]
-8.6
-
-4
mA
ICh1Gx
Gate charge current NMOS and PMOS
GCC[1:0] = [0, 1]
-32.4
-
-19.6 mA
ICh0Gx
Gate charge current NMOS
GCC[1:0] = [0, 0]
-100
-
-40
mA
Gate charge current PMOS
-77
-
-43.5 mA
IDCh3Gx
Gate discharge current NMOS and PMOS
GCC[1:0] = [1, 1]
0.75
-
1.9
mA
IDCh2Gx
Gate discharge current NMOS and PMOS
GCC[1:0] = [1, 0]
3.8
-
7.4
mA
IDCh1Gx
Gate discharge current NMOS and PMOS
GCC[1:0] = [0, 1]
16.8
-
27.4
mA
IDCh0Gx
Gate discharge current NMOS and PMOS
GCC[1:0] = [0, 0]
55
-
101
mA
Tsw_GC
Delay to switch from GCC[a,b] to GCC[c,d]
-
-
-
0.1
µs
L9945
Output pre-drivers
DS12275 - Rev 8
page 27/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com