Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 7Page - STMicroelectronics L9945TR Datasheet HTML 8Page - STMicroelectronics L9945TR Datasheet HTML 9Page - STMicroelectronics L9945TR Datasheet HTML 10Page - STMicroelectronics L9945TR Datasheet HTML 11Page - STMicroelectronics L9945TR Datasheet HTML 12Page - STMicroelectronics L9945TR Datasheet HTML 13Page - STMicroelectronics L9945TR Datasheet HTML 14Page - STMicroelectronics L9945TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 151 page
background image
Pin #
Pin Name
Pin type PU/PD Active State HBM ESD (1)
Description
49
DRN4
A
I
NA
NA
4 kV
FET drain on channel 4
50
GNSP4
A
O
NA
NA
4 kV
NFET gate / PFET source on channel 4
51
SNGP4
A
O
NA
NA
4 kV
NFET source / PFET gate on channel 4
32
DRN5
A
I
NA
NA
4 kV
FET drain on channel 5
31
GNSP5
A
O
NA
NA
4 kV
NFET gate / PFET source on channel 5
30
SNGP5
A
O
NA
NA
4 kV
NFET source / PFET gate on channel 5
29
BATT56
P
I
NA
NA
4 kV
Battery for channels 5 and 6
25
PGND56
G
I
NA
NA
4 kV
Power ground for channels 5 and 6
26
DRN6
A
I
NA
NA
4 kV
FET drain on channel 6
27
GNSP6
A
O
NA
NA
4 kV
NFET gate / PFET source on channel 6
28
SNGP6
A
O
NA
NA
4 kV
NFET source / PFET gate on channel 6
23
DRN7
A
I
NA
NA
4 kV
FET drain on channel 7
22
GNSP7
A
O
NA
NA
4 kV
NFET gate / PFET source on channel 7
21
SNGP7
A
O
NA
NA
4 kV
NFET source / PFET gate on channel 7
20
BATT78
P
I
NA
NA
4 kV
Battery for channels 7 and 8
24
PGND78
G
I
NA
NA
4 kV
Power ground for channels 7 and 8
17
DRN8
A
I
NA
NA
4 kV
FET drain on channel 8
18
GNSP8
A
O
NA
NA
4 kV
NFET gate / PFET source on channel 8
19
SNGP8
A
O
NA
NA
4 kV
NFET source / PFET gate on channel 8
SPI block (used for communication with external microcontroller)
15
SCK
D
I
PU
NA
2 kV
SPI clock
14
SDI
D
I
PU
NA
2 kV
SPI data in
10
SDO
D
O
NA
NA
2 kV
SPI data out. An external pull-down resistor in the [10k - 47k] range
must be mounted vs GNDIO.
13
NCS
D
I
PU
L
2 kV
SPI chip select
9
VIO
P
NA
NA
NA
2 kV
Supply voltage for SDO. Must be connected to the same power supply
as the SPI of the master device (usually the external microcontroller)
11
GNDIO
G NA
NA
NA
2 kV
Ground for SPI. Must be shorted to GNDCP
Reset / Disable
12
NRES
D
I
PU
L
2 kV
Reset input. Must be connected to ECU reset
16
DIS
D
I
PU
H
2 kV
Disable input. Must be connected to the external microcontroller to allow
the disabling of the outputs 1-6.
45
NDIS
D
I/O
PD
L
2 kV
Negated disable input/output. Can be used as a negated disable input.
Can also be used as output to generate an interrupt in the external
microcontroller whenever the NDIS node is pulled down (internal disable
event)
47
EN6
D
I
PD
H
2 kV
Output 6 Enable. Can be used to enable output driver for safety relevant
load control.
Charge Pump
38
VGBHI
P
NA
NA
NA
2 kV
Charge pump output (battery + 12 V). Connected to VPS pin through a
“tank” capacitor
43
CH1
A
I/O
NA
NA
2 kV
1st node for flying capacitor 1
40
CH2
A
I/O
NA
NA
2 kV
2nd node for flying capacitor 1
L9945
Pin names and functions
DS12275 - Rev 8
page 11/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com