Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218P Datasheet(PDF) 35 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 35 Page - ESS Technology,Inc

Back Button ES9218P Datasheet HTML 31Page - ESS Technology,Inc ES9218P Datasheet HTML 32Page - ESS Technology,Inc ES9218P Datasheet HTML 33Page - ESS Technology,Inc ES9218P Datasheet HTML 34Page - ESS Technology,Inc ES9218P Datasheet HTML 35Page - ESS Technology,Inc ES9218P Datasheet HTML 36Page - ESS Technology,Inc ES9218P Datasheet HTML 37Page - ESS Technology,Inc ES9218P Datasheet HTML 38Page - ESS Technology,Inc ES9218P Datasheet HTML 39Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
35
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
When a crystal is used with internal DVDD, it is possible for core timing requirements to be violated during chip startup. The following measures
should be taken to ensure default register values are loaded correctly:
1. Use a small decoupling capacitor at the DVDD pin. 1µF maximum is recommended.
2. Consult the crystal vendor to optimize crystal circuitry. The chip has a 2-stage reset pipeline. If the oscillator starts slowly for any reason,
more than two runt-pulses may occur and the reset pipeline will not be sufficient to prevent invalid core timing.
Figure 12. Non-optimal crystal circuitry
3. Perform two hardware resets (RESETB is de-asserted), followed by a software reset.
For a 1µF DVDD de-coupling capacitor:
70µ������ ≤ ������������ − ������������ ≤ 100µ������
50µ������ ≤ ������������ − ������������ ≤ 150µ������
DVDD should not fall below 1V during ������
������ − ������������.
������������ − ������������ ≈ 1.5������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com